Electronic Components Datasheet Search
  English  ▼

X  

RM84 Datasheet(PDF) 3 Page - Altech corporation

Part # RM84
Description  Miniature Electromagnetic Relays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

RM84 Datasheet(HTML) 3 Page - Altech corporation

  RM84 Datasheet HTML 1Page - Altech corporation RM84 Datasheet HTML 2Page - Altech corporation RM84 Datasheet HTML 3Page - Altech corporation RM84 Datasheet HTML 4Page - Altech corporation RM84 Datasheet HTML 5Page - Altech corporation RM84 Datasheet HTML 6Page - Altech corporation RM84 Datasheet HTML 7Page - Altech corporation RM84 Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
78
RM84 / RM85 / RM87
Miniature Electromagnetic Relays
DATA SUBJECT TO CHANGE WITHOUT NOTICE
RM85 terminals are doubled for each contact.
Both terminals are to be used while connecting to load.
Description of Fig. 4.2 and 5.2
AC1
DC1
In= 16 A
N - electrical life
at AC1
14 (8)
14 (8)
11 (7)
11 (7)
12 (6)
A1 (1)
A1 (1)
24 (5)
24 (5)
21 (4)
21 (4)
22 (3)
A2 (2)
A2 (2)
22(3); 21(4); 24(5);
12(6); 11(7); 14(8)
A1(1); A2(2)
Terminal (pin)
Drilling hole:
• for relays
• for sockets
Ø 1. 3 + 0.1 mm
Ø 1. 5 + 0.1 mm
[mm]
Ø 0.6
0. 5 x 0.9
5
15
2.5
5
29
SPDT
SPST (1NO)
RM85
LOAD CHARTS
CONNECTION DIAGRAM
DIMENSIONS
E105728



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com