Electronic Components Datasheet Search
  English  ▼

X  

LM3243 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3243
Description  High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3243 Datasheet(HTML) 5 Page - Texas Instruments

  LM3243 Datasheet HTML 1Page - Texas Instruments LM3243 Datasheet HTML 2Page - Texas Instruments LM3243 Datasheet HTML 3Page - Texas Instruments LM3243 Datasheet HTML 4Page - Texas Instruments LM3243 Datasheet HTML 5Page - Texas Instruments LM3243 Datasheet HTML 6Page - Texas Instruments LM3243 Datasheet HTML 7Page - Texas Instruments LM3243 Datasheet HTML 8Page - Texas Instruments LM3243 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM3243
www.ti.com
SNVS782B – OCTOBER 2010 – REVISED FEBRUARY 2013
SYSTEM CHARACTERISTICS
The following spec table entries are specified by design and verifications providing the component values in the Typical
Application Circuit are used (L = 1.5 µH, DCR = 120 m
Ω, TOKO DFE201610C-1R5N, CIN = 10 µF, 6.3V, 0402, Samsung
CL05A106MQ5NUN, COUT = 10 µF + 4.7 µF + 3 x 1.0 µF + 3300 pF: 6.3V, 0402, Samsung CL05A106MQ5NUN,
CL05A475MQNRN; 6.3V, 0201 Samsung CL03A105MQ3CSN; 6.3V, 01005 Murata GRM022R60J332K). These parameters
are not verified by production testing. Min and Max values are specified over the ambient temperature range TA = −30°C
to 90°C. Typical values are specified at PVIN = VDD = EN = 3.8V, BP = 0V and TA = 25°C unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Time for SW pin to become
TSETUP
EN = LOW-to-HIGH
30
active upon power-up
Turn-on time (time for output
µs
EN = LOW-to-HIGH, VIN = 4.2V,
to reach 90% of final value
TON
VCON = 1.36V, VOUT = 3.4V, IOUT ≤
50
after EN LOW-to-HIGH
1mA
transition)
VIN = 4.2V
Time for VOUT to rise from 0V
RLOAD = 6.8Ω,
to 3V (90% or 2.7V)
VCON = 0V to 1.2V
20
Time for VOUT to fall from
VIN = 4.2V, RLOAD = 6.8Ω,
3.6V to 2.6V (10% or 2.7V)
VCON = 1.44V to 1.04V
Time for VOUT to rise from
VIN = 4.2V, RLOAD = 1.9Ω,
1.8V to 2.8V (90% or 2.7V)
VCON = 0.72V to 1.12V
TRESPONSE
µs
15
Time for VOUT to fall from
VIN = 4.2V, RLOAD = 1.9Ω, VCON =
2.8V to 1.8V (10% or 1.9V)
1.12V to 0.72V
Time for VOUT to rise from 0V
VIN = 4.2V, RLOAD = 1.9Ω,
to 3.4V (90% or 3.1V)
VCON = 0V to 1.36V
20
Time for VOUT to fall from
VIN = 4.2V, RLOAD = 1.9Ω, VCON =
3.4V to 0.4V (10% or 0.7V)
1.36V to 0.16V
Time for VOUT to rise from 0V
TBypass
to PVIN after BP LOW-to-
VCON = 0V, IOUT ≤ 1mA
20
HIGH transition (90%)
µs
Bypass turn-on time. Time for
VOUT to rise from 0V to PVIN
TBypass, ON
EN = VIN= 3.8V, IOUT ≤ 1mA
50
after EN LOW-to-HIGH
transition (90% or 3.24)
VCON = 1.5V, Max value at VIN =
Total dropout resistance in
Rtot_drop
3.1V,
45
55
m
Ω
bypass mode
Inductor ESR
≤ 151 mΩ
Pin input capacitance for BP,
CIN
Test frequency = 100 KHz
5
pF
EN, MODE
Maximum load current in
IOUT
Switcher + ACB
2.5
PWM mode
Maximum output transient
IOUT, PU
3.0
A
pullup current limit
Switcher + ACB (1)
PWM maximum output
IOUT, PD, PWM
−3.0
transient pulldown current limit
Maximum output load current
VIN = 3.8V, VCON < 1.0
IOUT, MAX-PFM
85
mA
in PFM mode
MODE = HIGH (1)
−3
+3
%
Linearity in control range of
VIN = 4.2V
(2)
Linearity
VCON = 0.16V to 1.44V
Monotonic in nature
−50
+50
mV
(1)
Current limit is built-in, fixed, and not adjustable.
(2)
Linearity limits are ±3% or ±50 mV, whichever is larger.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com