Electronic Components Datasheet Search
  English  ▼

X  

LM3243 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3243
Description  High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3243 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3243 Datasheet HTML 2Page - Texas Instruments LM3243 Datasheet HTML 3Page - Texas Instruments LM3243 Datasheet HTML 4Page - Texas Instruments LM3243 Datasheet HTML 5Page - Texas Instruments LM3243 Datasheet HTML 6Page - Texas Instruments LM3243 Datasheet HTML 7Page - Texas Instruments LM3243 Datasheet HTML 8Page - Texas Instruments LM3243 Datasheet HTML 9Page - Texas Instruments LM3243 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LM3243
SNVS782B – OCTOBER 2010 – REVISED FEBRUARY 2013
www.ti.com
SYSTEM CHARACTERISTICS (continued)
The following spec table entries are specified by design and verifications providing the component values in the Typical
Application Circuit are used (L = 1.5 µH, DCR = 120 m
Ω, TOKO DFE201610C-1R5N, CIN = 10 µF, 6.3V, 0402, Samsung
CL05A106MQ5NUN, COUT = 10 µF + 4.7 µF + 3 x 1.0 µF + 3300 pF: 6.3V, 0402, Samsung CL05A106MQ5NUN,
CL05A475MQNRN; 6.3V, 0201 Samsung CL03A105MQ3CSN; 6.3V, 01005 Murata GRM022R60J332K). These parameters
are not verified by production testing. Min and Max values are specified over the ambient temperature range TA = −30°C
to 90°C. Typical values are specified at PVIN = VDD = EN = 3.8V, BP = 0V and TA = 25°C unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN = 3.8V, VOUT = 1.8V,
IOUT = 10 mA
79
82
MODE = HIGH (PFM)
VIN = 3.8V, VOUT = 0.5V,
IOUT = 5 mA
58
60
MODE = HIGH (PFM)
VIN = 3.8V, VOUT = 3.5V,
IOUT = 1900 mA
89
92
MODE = LOW (PWM)
η
Efficiency
%
VIN = 3.8V, VOUT = 2.5V,
IOUT = 250 mA
90
93
MODE = LOW (PWM)
VIN = 3.8V, VOUT = 1.6V,
IOUT = 130 mA
83
86
MODE = LOW (PWM)
VIN = 3.8V, VOUT = 1.0V,
IOUT = 400 mA
81
84
MODE = LOW (PWM)
VIN = 0.4V to 3.6V, VOUT = 0.4V to
Ripple voltage at no pulse
3.6V, ROUT = 1.9Ω
(3)
1
3
skipping condition
MODE = LOW
Ripple voltage at pulse
VIN = 5.5V to dropout, VOUT = 3.6V,
8
skipping condition
ROUT = 1.9Ω
(3)
VRIPPLE
mVpp
VIN = 3.2V, VOUT < 1.125V,
50
IOUT =10 mA, MODE = HIGH
PFM Ripple Voltage
VIN = 3.2V, VOUT ≤ 0.5V,
50
IOUT = 5mA, MODE = HIGH
VIN = 3.6V to 4.2V, TR = TF = 10 µs,
Line_tr
Line transient response
VOUT = 1V, IOUT = 600 mA
50
mVpk
MODE = LOW
VOUT = 3.0V, TR = TF = 10 µs,
Load_tr
Load transient response
IOUT = 0A to 1.2A
40
mVpk
MODE = LOW
Max Duty cycle
Maximum duty cycle
MODE = LOW
100
%
VIN = 3.2V, VOUT = 1.0V, IOUT = 10
mA
100
160
MODE = HIGH
PFM_Freq
Minimum PFM Frequency
kHz
VIN = 3.2V, VOUT = 0.5V, IOUT = 5mA
34
55
MODE = HIGH
(3)
Ripple voltage should be measured at COUT electrode on a well-designed PC board and using the suggested inductor and capacitors.
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com