Electronic Components Datasheet Search
  English  ▼

X  

LM3243 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3243
Description  High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3243 Datasheet(HTML) 1 Page - Texas Instruments

  LM3243 Datasheet HTML 1Page - Texas Instruments LM3243 Datasheet HTML 2Page - Texas Instruments LM3243 Datasheet HTML 3Page - Texas Instruments LM3243 Datasheet HTML 4Page - Texas Instruments LM3243 Datasheet HTML 5Page - Texas Instruments LM3243 Datasheet HTML 6Page - Texas Instruments LM3243 Datasheet HTML 7Page - Texas Instruments LM3243 Datasheet HTML 8Page - Texas Instruments LM3243 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM3243
PVIN VDD
SW
FB
VCON
PGND SGND
EN
MODE
VBATT
VOUT
ACB
BP
VCC_PA_2G
BB or
RFIC
DAC
GPO2
GPO1
BGND
1.5 µH
10 µF
1.0 µF
PA
4.7 µF
PA(s)
VCC_PA_3G
10 µF
LM3243
www.ti.com
SNVS782B – OCTOBER 2010 – REVISED FEBRUARY 2013
LM3243 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
Check for Samples: LM3243
1
FEATURES
DESCRIPTION
The LM3243 is a DC-DC converter optimized for
2
•
High-Efficiency PFM and PWM modes with
powering multi-mode 2G/3G/4G RF power amplifiers
Internal Synchronous Rectification
(PAs) from a single Lithium-Ion cell. The LM3243
•
Analog Bypass Function with Low Dropout
steps down an input voltage from 2.7V to 5.5V to a
Resistance (45 m
Ω typ.)
dynamically adjustable output voltage of 0.4V to 3.6V.
The output voltage is set through a VCON analog
•
Dynamically Adjustable Output Voltage, 0.4V
input that adjusts the output voltage to ensure
to 3.6V (typ.), in PFM and PWM Modes
efficient operation at all power levels of the RF PA.
•
2.5A Maximum Load Current in PWM Mode
The LM3243 operates in constant frequency PWM
•
2.7 MHz (average) PWM Switching Frequency
mode producing a small and predictable amount of
•
Modulated switching frequency to aid Rx Band
output voltage ripple. This enables best ECTEL
Compliance
power requirements in GMSK and EDGE spectral
•
Operates from a Single Li-ion Cell (2.7V to
compliance, with the minimal amount of filtering and
excess headroom. When operating in PFM mode, the
5.5V)
LM3243
enables
the
lowest
DG09
current
•
ACB reduces inductor requirements and size
consumption
and
therefore
maximizes
system
•
Minimum total solution size by using small
efficiency.
footprint and case size inductor and
The LM3243 has a unique Active Current assist and
capacitors
analog Bypass (ACB) feature to minimize inductor
•
16-bump thin DSBGA Package
size without any loss of output regulation for the
•
Current and Thermal Overload Protection
entire battery voltage and RF output power range,
until dropout. ACB provides a parallel current path,
when needed, to limit the maximum inductor current
APPLICATIONS
to 1.4A (typ.) while still driving a 2.5A load. The ACB
•
Cellular Phones
also enables operation with minimal dropout voltage.
•
Hand-Held Radios
The LM3243 is available in a small 2 mm x 2 mm
chip-scale 16-bump DSBGA package.
•
RF PC Cards
•
Battery-Powered RF Devices
If you are considering using the LM3243 in a system
design, please see the PCB Layout Considerations
section of this data sheet.
TYPICAL SYSTEM APPLICATION DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3243

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3243 TI1-LM3243 Datasheet
1Mb / 32P
High-Current Step-Down Converter
REVISED AUGUST 2015
LM3243TME/NOPB TI1-LM3243TME/NOPB Datasheet
1Mb / 32P
High-Current Step-Down Converter
REVISED AUGUST 2015
LM3243TMX/NOPB TI1-LM3243TMX/NOPB Datasheet
1Mb / 32P
High-Current Step-Down Converter
REVISED AUGUST 2015
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
More results

Similar Description - LM3243

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
4G/3G/2G HIGH GAIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com