Electronic Components Datasheet Search
  English  ▼

X  

MB40178 Datasheet(PDF) 16 Page - fujitsu semiconductor

Part # MB40178
Description  Single Chip 8-Bit A/D and 9-Bit D/A Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40178 Datasheet(HTML) 16 Page - fujitsu semiconductor

Back Button MB40178 Datasheet HTML 12Page - fujitsu semiconductor MB40178 Datasheet HTML 13Page - fujitsu semiconductor MB40178 Datasheet HTML 14Page - fujitsu semiconductor MB40178 Datasheet HTML 15Page - fujitsu semiconductor MB40178 Datasheet HTML 16Page - fujitsu semiconductor MB40178 Datasheet HTML 17Page - fujitsu semiconductor MB40178 Datasheet HTML 18Page - fujitsu semiconductor MB40178 Datasheet HTML 19Page - fujitsu semiconductor MB40178 Datasheet HTML 20Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
MB40168/MB40178
s CLAMP CIRCUIT OPERATION
Note: When Clamp Circuit is not applied the signals should be connected as follows:
VINC:
Connect to GND.
VOUTC:
Leave open.
VCLMP:
Leave open.
VINC
VOUTC
VCLMP
VINA
Bias Circuit
VCCA
VCCA
CCLMP
+
-
I
≈ 2 mA
≈ 3.05 V
Signal Level at VINC pin
Signal Level at VINA pin
VCCA = 5.0 V
VCLMP
≈ 3.05 V
VREF
≈ 3.0 V
AGND
Clamp Circuit
Clamp Voltage is set at 0.6 x VCC + 50 mV (typ.)
AGND
A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com