Electronic Components Datasheet Search
  English  ▼

X  

MB40178 Datasheet(PDF) 20 Page - fujitsu semiconductor

Part # MB40178
Description  Single Chip 8-Bit A/D and 9-Bit D/A Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40178 Datasheet(HTML) 20 Page - fujitsu semiconductor

Back Button MB40178 Datasheet HTML 13Page - fujitsu semiconductor MB40178 Datasheet HTML 14Page - fujitsu semiconductor MB40178 Datasheet HTML 15Page - fujitsu semiconductor MB40178 Datasheet HTML 16Page - fujitsu semiconductor MB40178 Datasheet HTML 17Page - fujitsu semiconductor MB40178 Datasheet HTML 18Page - fujitsu semiconductor MB40178 Datasheet HTML 19Page - fujitsu semiconductor MB40178 Datasheet HTML 20Page - fujitsu semiconductor MB40178 Datasheet HTML 21Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
20
MB40168/MB40178
(FPT-44P-M11)
44 pin, Plastic QFP
"B"
(.055±.012)
1.40±0.30
0~10°
0.18(.007)MAX
0.53(.021)MAX
0.20(.008)
0.15(.006)
(.006±.002)
0.15±0.05
"A"
SQ
10.00±0.20
(.394±.008)
SQ
(.567±.016)
LEAD No.
0.80(.0315)TYP
44
12
22
34
33
23
111
Details of "B" part
INDEX
0.10(.004)
REF
(.315)
(.457±.012)
8.00
11.60±0.30
(STAND OFF)
0.05(.002)MIN
2.35(.093)MAX
M
0.16(.006)
(.012±.004)
0.30±0.10
14.40±0.40
Details of "A" part
1994 FUJITSU LIMITED F44018S-1C-1
C
Dimensions in mm (inch).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com