Electronic Components Datasheet Search
  English  ▼

X  

MB40178 Datasheet(PDF) 19 Page - fujitsu semiconductor

Part # MB40178
Description  Single Chip 8-Bit A/D and 9-Bit D/A Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40178 Datasheet(HTML) 19 Page - fujitsu semiconductor

Back Button MB40178 Datasheet HTML 13Page - fujitsu semiconductor MB40178 Datasheet HTML 14Page - fujitsu semiconductor MB40178 Datasheet HTML 15Page - fujitsu semiconductor MB40178 Datasheet HTML 16Page - fujitsu semiconductor MB40178 Datasheet HTML 17Page - fujitsu semiconductor MB40178 Datasheet HTML 18Page - fujitsu semiconductor MB40178 Datasheet HTML 19Page - fujitsu semiconductor MB40178 Datasheet HTML 20Page - fujitsu semiconductor MB40178 Datasheet HTML 21Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
MB40168/MB40178
s PACKAGE DIMENSIONS
(DIP-48P-M01)
48 pin, Plastic SH-DIP
+0.50
–0
–0
+.020
–.012
+.008
–0.30
+0.20
0.51(.020)MIN
MIN
MAX
40.894(1.610)REF
INDEX-2
15°MAX
TYP
15.24(.600)
(.010±.002)
0.25±0.05
MAX
1.778(.070)
(.070±.007)
1.778±0.18
1.00
.039
(.018±.004)
0.45±0.10
3.00(.118)
5.25(.207)
INDEX-1
(.543±.010)
13.80±0.25
1.720
43.69
1994 FUJITSU LIMITED D48002S-3C-3
C
Dimensions in mm (inches).
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com