Electronic Components Datasheet Search
  English  ▼

X  

LM3224 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3224
Description  615kHz/1.25MHz Step-up PWM DC/DC Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3224 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3224 Datasheet HTML 2Page - Texas Instruments LM3224 Datasheet HTML 3Page - Texas Instruments LM3224 Datasheet HTML 4Page - Texas Instruments LM3224 Datasheet HTML 5Page - Texas Instruments LM3224 Datasheet HTML 6Page - Texas Instruments LM3224 Datasheet HTML 7Page - Texas Instruments LM3224 Datasheet HTML 8Page - Texas Instruments LM3224 Datasheet HTML 9Page - Texas Instruments LM3224 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
INPUT VOLTAGE (V)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
2.0
TJ = -40
oC
TJ = 25
oC
TJ = 125
oC
2.6
3.4 3.8
5.4
7.0
0.05
0.07
0.11
0.13
0.15
0.17
0.19
0.21
0.23
INPUT VOLTAGE (V)
0.09
3.0
4.2 4.6 5.0
5.8 6.2 6.6
TA = 85
oC
ISW = 1.5A
TA = -40
oC
TA = 25
oC
0
1
2
3
4
5
6
7
8
2.6 3.0 3.4 3.8 4.2 4.6 5.0 5.4 5.8 6.2 6.6 7.0
FSLCT VOLTAGE (V)
TJ = 125
oC
FSLCT = VIN
TJ = -40
oC
TJ =
25
o C
-40 -25 -10 5 20 35 50 65 80 95 110
0
10
20
30
40
50
60
70
TEMPERATURE (
oC)
125
VIN = 2.7V
VIN = 7.0V
FB = 1.265V
10.2
10.4
10.6
10.8
11.0
11.2
11.4
11.6
11.8
-40 -25 -10
5
20
35
50
65
80
95 110 125
TEMPERATURE (
oC)
VIN = 7.0V
VIN = 2.7V
0.0
2.0
4.0
6.0
7.0
0
1
2
3
4
5
6
7
SHDN PIN VOLTAGE (V)
1.0
3.0
5.0
TJ = -40
oC
T J
= 2
5
o
C
TJ = 125
oC
LM3224
SNVS277B – DECEMBER 2004 – REVISED SEPTEMBER 2005
www.ti.com
Typical Performance Characteristics
SHDN Pin Current
SS Pin Current
vs.
vs.
SHDN Pin Voltage
Temperature
FSLCT Pin Current
FB Pin Current
vs.
vs.
FSLCT Pin Voltage
Temperature
NMOS RDSON
615kHz Non-switching IQ
vs.
vs.
Input Voltage
Input Voltage
6
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM3224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com