Electronic Components Datasheet Search
  English  ▼

X  

LM3224 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3224
Description  615kHz/1.25MHz Step-up PWM DC/DC Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3224 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3224 Datasheet HTML 8Page - Texas Instruments LM3224 Datasheet HTML 9Page - Texas Instruments LM3224 Datasheet HTML 10Page - Texas Instruments LM3224 Datasheet HTML 11Page - Texas Instruments LM3224 Datasheet HTML 12Page - Texas Instruments LM3224 Datasheet HTML 13Page - Texas Instruments LM3224 Datasheet HTML 14Page - Texas Instruments LM3224 Datasheet HTML 15Page - Texas Instruments LM3224 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
'iL =
(in Amps)
VIND
2Lfs
VINRDSON
0.144 fs
L >
(in H)
)
(
D
D'
-1
LM3224
SNVS277B – DECEMBER 2004 – REVISED SEPTEMBER 2005
www.ti.com
where RO is the output impedance of the error amplifier, approximately 900kΩ. For most applications,
performance can be optimized by choosing values within the range 5k
Ω ≤ RC ≤ 100kΩ (RC can be up to 200kΩ if
CC2 is used, see High Output Capacitor ESR Compensation) and 680pF ≤ CC ≤ 10nF. Refer to the Applications
Information section for recommended values for specific circuits and conditions. Refer to the Compensation
section for other design requirement.
COMPENSATION
This section will present a general design procedure to help insure a stable and operational circuit. The designs
in this datasheet are optimized for particular requirements. If different conversions are required, some of the
components may need to be changed to ensure stability. Below is a set of general guidelines in designing a
stable circuit for continuous conduction operation, in most all cases this will provide for stability during
discontinuous operation as well. The power components and their effects will be determined first, then the
compensation components will be chosen to produce stability.
INDUCTOR AND DIODE SELECTION
Although the inductor sizes mentioned earlier are fine for most applications, a more exact value can be
calculated. To ensure stability at duty cycles above 50%, the inductor must have some minimum value
determined by the minimum input voltage and the maximum output voltage. This equation is:
(6)
where fs is the switching frequency, D is the duty cycle, and RDSON is the ON resistance of the internal switch
taken from the graph "NMOS RDSON vs. Input Voltage" in the Typical Performance Characteristics section. This
equation is only good for duty cycles greater than 50% (D>0.5), for duty cycles less than 50% the recommended
values may be used. The corresponding inductor current ripple as shown in Figure 3 (a) is given by:
(7)
The inductor ripple current is important for a few reasons. One reason is because the peak switch current will be
the average inductor current (input current or ILOAD/D') plus ΔiL. As a side note, discontinuous operation occurs
when the inductor current falls to zero during a switching cycle, or
ΔiL is greater than the average inductor
current. Therefore, continuous conduction mode occurs when
ΔiL is less than the average inductor current. Care
must be taken to make sure that the switch will not reach its current limit during normal operation. The inductor
must also be sized accordingly. It should have a saturation current rating higher than the peak inductor current
expected. The output voltage ripple is also affected by the total ripple current.
The output diode for a boost regulator must be chosen correctly depending on the output voltage and the output
current. The typical current waveform for the diode in continuous conduction mode is shown in Figure 3 (b). The
diode must be rated for a reverse voltage equal to or greater than the output voltage used. The average current
rating must be greater than the maximum load current expected, and the peak current rating must be greater
than the peak inductor current. During short circuit testing, or if short circuit conditions are possible in the
application, the diode current rating must exceed the switch current limit. Using Schottky diodes with lower
forward voltage drop will decrease power dissipation and increase efficiency.
DC GAIN AND OPEN-LOOP GAIN
Since the control stage of the converter forms a complete feedback loop with the power components, it forms a
closed-loop system that must be stabilized to avoid positive feedback and instability. A value for open-loop DC
gain will be required, from which you can calculate, or place, poles and zeros to determine the crossover
frequency and the phase margin. A high phase margin (greater than 45°) is desired for the best stability and
transient response. For the purpose of stabilizing the LM3224, choosing a crossover point well below where the
right half plane zero is located will ensure sufficient phase margin.
To ensure a bandwidth of ½ or less of the frequency of the RHP zero, calculate the open-loop DC gain, ADC.
After this value is known, you can calculate the crossover visually by placing a
−20dB/decade slope at each pole,
and a +20dB/decade slope for each zero. The point at which the gain plot crosses unity gain, or 0dB, is the
crossover frequency. If the crossover frequency is less than ½ the RHP zero, the phase margin should be high
enough for stability. The phase margin can also be improved by adding CC2 as discussed later in this section.
The equation for ADC is given below with additional equations required for the calculation:
12
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM3224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com