Electronic Components Datasheet Search
  English  ▼

X  

LM3224 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3224
Description  615kHz/1.25MHz Step-up PWM DC/DC Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3224 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3224 Datasheet HTML 3Page - Texas Instruments LM3224 Datasheet HTML 4Page - Texas Instruments LM3224 Datasheet HTML 5Page - Texas Instruments LM3224 Datasheet HTML 6Page - Texas Instruments LM3224 Datasheet HTML 7Page - Texas Instruments LM3224 Datasheet HTML 8Page - Texas Instruments LM3224 Datasheet HTML 9Page - Texas Instruments LM3224 Datasheet HTML 10Page - Texas Instruments LM3224 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
-40 -25 -10 5 20 35 50 65 80 95 110
570
580
590
600
610
620
630
640
TEMPERATURE (
oC)
125
VIN = 2.7V
VIN = 7.0V
-40
-10 5
65
125
3.0
3.5
4.5
5.0
5.5
6.0
6.5
7.0
7.5
TEMPERATURE (
oC)
4.0
-25
20 35 50
80 95 110
VIN = 2.7V
VIN = 7.0V
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
INPUT VOLTAGE (V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
2.0
TJ = -40
oC
TJ = 25
oC
TJ = 125
oC
-25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (
oC)
2.00
4.50
-40
4.00
3.50
3.00
2.50
2.25
4.25
3.75
3.25
2.75
VIN = 2.7V
VIN = 7.0V
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
INPUT VOLTAGE (V)
TJ = 125
oC
TJ = -40
oC
TJ = 25
oC
2.0
3.0
4.0
5.0
6.0
7.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
INPUT VOLTAGE (V)
2.5
3.5
4.5
5.5
6.5
TJ = 125
oC
TJ = -40
oC
TJ = 25
oC
LM3224
www.ti.com
SNVS277B – DECEMBER 2004 – REVISED SEPTEMBER 2005
Typical Performance Characteristics (continued)
1.25MHz Non-switching IQ
615kHz Switching IQ
vs.
vs.
Input Voltage
Input Voltage
1.25MHz Switching IQ
615kHz Switching IQ
vs.
vs.
Input Voltage
Temperature
1.25MHz Switching IQ
615kHz Switching Frequency
vs.
vs.
Temperature
Temperature
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com