Electronic Components Datasheet Search
  English  ▼

X  

LM3224 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3224
Description  615kHz/1.25MHz Step-up PWM DC/DC Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3224 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3224 Datasheet HTML 9Page - Texas Instruments LM3224 Datasheet HTML 10Page - Texas Instruments LM3224 Datasheet HTML 11Page - Texas Instruments LM3224 Datasheet HTML 12Page - Texas Instruments LM3224 Datasheet HTML 13Page - Texas Instruments LM3224 Datasheet HTML 14Page - Texas Instruments LM3224 Datasheet HTML 15Page - Texas Instruments LM3224 Datasheet HTML 16Page - Texas Instruments LM3224 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
(in Hz)
RHPzero =
VOUT(D')
2
2S,LOADL
fZ1 =
1
2SRESRCOUT
(in Hz)
fP1 =
1
2S(RESR + RL)COUT
(in Hz)
m1 #
VINRDSON
L
(in V/s)
n = 1+
2mc
m1
(no unit)
Leff =
L
(D')
2
Z
c
(in rad/s)
2fs
nD'
#
ADC(DB) = 20log10
{[(ZcLeff)// RL]//RL} (in dB)
RFB1 + RFB2
RFB2
(
)
gmROD'
RDSON
LM3224
www.ti.com
SNVS277B – DECEMBER 2004 – REVISED SEPTEMBER 2005
(8)
(9)
(10)
(11)
mc
≊ 0.072fs (in V/s)
(12)
(13)
where RL is the minimum load resistance, VIN is the minimum input voltage, gm is the error amplifier
transconductance found in the Electrical Characteristics table, and RDSON is the value chosen from the graph
"NMOS RDSON vs. Input Voltage" in the Typical Performance Characteristics section.
INPUT AND OUTPUT CAPACITOR SELECTION
The switching action of a boost regulator causes a triangular voltage waveform at the input. A capacitor is
required to reduce the input ripple and noise for proper operation of the regulator. The size used is dependant on
the application and board layout. If the regulator will be loaded uniformly, with very little load changes, and at
lower current outputs, the input capacitor size can often be reduced. The size can also be reduced if the input of
the regulator is very close to the source output. The size will generally need to be larger for applications where
the regulator is supplying nearly the maximum rated output or if large load steps are expected. A minimum value
of 10µF should be used for the less stressful condtions while a 22µF to 47µF capacitor may be required for
higher power and dynamic loads. Larger values and/or lower ESR may be needed if the application requires very
low ripple on the input source voltage.
The choice of output capacitors is also somewhat arbitrary and depends on the design requirements for output
voltage ripple. It is recommended that low ESR (Equivalent Series Resistance, denoted RESR) capacitors be used
such as ceramic, polymer electrolytic, or low ESR tantalum. Higher ESR capacitors may be used but will require
more compensation which will be explained later on in the section. The ESR is also important because it
determines the peak to peak output voltage ripple according to the approximate equation:
ΔVOUT ≊ 2ΔiLRESR (in Volts)
(14)
A minimum value of 10µF is recommended and may be increased to a larger value. After choosing the output
capacitor you can determine a pole-zero pair introduced into the control loop by the following equations:
(15)
(16)
Where RL is the minimum load resistance corresponding to the maximum load current. The zero created by the
ESR of the output capacitor is generally very high frequency if the ESR is small. If low ESR capacitors are used
it can be neglected. If higher ESR capacitors are used see the High Output Capacitor ESR Compensation
section. Some suitable capacitor vendors include Vishay, Taiyo-Yuden, and TDK.
RIGHT HALF PLANE ZERO
A current mode control boost regulator has an inherent right half plane zero (RHP zero). This zero has the effect
of a zero in the gain plot, causing an imposed +20dB/decade on the rolloff, but has the effect of a pole in the
phase, subtracting another 90° in the phase plot. This can cause undesirable effects if the control loop is
influenced by this zero. To ensure the RHP zero does not cause instability issues, the control loop should be
designed to have a bandwidth of less than ½ the frequency of the RHP zero. This zero occurs at a frequency of:
(17)
where ILOAD is the maximum load current.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com