Electronic Components Datasheet Search
  English  ▼

X  

LM3205 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3205
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3205 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3205 Datasheet HTML 3Page - Texas Instruments LM3205 Datasheet HTML 4Page - Texas Instruments LM3205 Datasheet HTML 5Page - Texas Instruments LM3205 Datasheet HTML 6Page - Texas Instruments LM3205 Datasheet HTML 7Page - Texas Instruments LM3205 Datasheet HTML 8Page - Texas Instruments LM3205 Datasheet HTML 9Page - Texas Instruments LM3205 Datasheet HTML 10Page - Texas Instruments LM3205 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
IOUT
10 Ps/DIV
200 mA/DIV
IL
VOUT
50 mV/DIV
AC Coupled
VIN = 3.6V
VOUT = 0.8V
50 mA
250 mA
LM3205
www.ti.com
SNVS388D – JULY 2005 – REVISED MAY 2009
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(Circuit in Figure 5, PVIN = VDD = EN = 3.6V, L = 3.3uH, DCR of L ≤ 100mΩ, CIN = 10uF, 0603, 6.3V ( 4.7uF||4.7uF, 0603,
6.3V can be used), COUT = 4.7uF, 0603, 6.3V for LM3205TL/LM3205SD unless otherwise noted)
Open/Closed Loop Current Limit
VCON Voltage
vs
vs
Temperature
Output Voltage
(PWM mode)
(VIN = 4.2V, RLOAD = 8Ω)
Efficiency
Efficiency
vs
vs
Output Voltage
Output Current
(VIN = 3.9V)
(VOUT = 0.8V)
Efficiency
vs
Output Current
Load Transient Response
(VOUT = 3.4V)
(VOUT = 0.8V)
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com