Electronic Components Datasheet Search
  English  ▼

X  

LM3205 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3205
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3205 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3205 Datasheet HTML 8Page - Texas Instruments LM3205 Datasheet HTML 9Page - Texas Instruments LM3205 Datasheet HTML 10Page - Texas Instruments LM3205 Datasheet HTML 11Page - Texas Instruments LM3205 Datasheet HTML 12Page - Texas Instruments LM3205 Datasheet HTML 13Page - Texas Instruments LM3205 Datasheet HTML 14Page - Texas Instruments LM3205 Datasheet HTML 15Page - Texas Instruments LM3205 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LM3205
SNVS388D – JULY 2005 – REVISED MAY 2009
www.ti.com
INTERNAL SYNCHRONOUS RECTIFICATION
While in PWM mode, the LM3205 uses an internal NFET as a synchronous rectifier to reduce rectifier forward
voltage drop and associated power loss. Synchronous rectification provides a significant improvement in
efficiency whenever the output voltage is relatively low compared to the voltage drop across and ordinary rectifier
diode.
With medium and heavy loads, the internal NFET synchronous rectifier is turned on during the inductor current
down slope in the second part of each cycle. The synchronous rectifier is turned off prior to the next cycle. The
NFET is designed to conduct through its intrinsic body diode during transient intervals before it turns on,
eliminating the need for an external diode.
CURRENT LIMITING
A current limit feature allows the LM3205 to protect itself and external components during overload conditions. In
PWM mode, an 1200mA (max.) cycle-by-cycle current limit is normally used. If an excessive load pulls the output
voltage down to approximately 0.375V, then the device switches to a timed current limit mode. In timed current
limit mode the internal PFET switch is turned off after the current comparator trips and the beginning of the next
cycle is inhibited for 3.5us to force the instantaneous inductor current to ramp down to a safe value. The
synchronous rectifier is off in timed current limit mode. Timed current limit prevents the loss of current control
seen in some products when the output voltage is pulled low in serious overload conditions.
DYNAMICALLY ADJUSTABLE OUTPUT VOLTAGE
The LM3205 features dynamically adjustable output voltage to eliminate the need for external feedback resistors.
The output can be set from 0.8V(typ.) to 3.6V(typ.) by changing the voltage on the analog VCON pin. This feature
is useful in PA applications where peak power is needed only when the handset is far away from the base station
or when data is being transmitted. In other instances the transmitting power can be reduced. Hence the supply
voltage to the PA can be reduced, promoting longer battery life. See Setting the Output Voltage in the Application
Information section for further details.
THERMAL OVERLOAD PROTECTION
The LM3205 has a thermal overload protection function that operates to protect itself from short-term misuse and
overload conditions. When the junction temperature exceeds around 150°C, the device inhibits operation. Both
the PFET and the NFET are turned off in PWM mode. When the temperature drops below 125°C, normal
operation resumes. Prolonged operation in thermal overload conditions may damage the device and is
considered bad practice.
APPLICATION INFORMATION
SETTING THE OUTPUT VOLTAGE
The LM3205 features a pin-controlled variable output voltage to eliminate the need for external feedback
resistors. It can be programmed for an output voltage from 0.8V (typ.) to 3.6V (typ.) by setting the voltage on the
VCON pin, as in the following formula:
VOUT = 2.5 x VCON
(1)
When VCON is between 0.32V and 1.44V, the output voltage will follow proportionally by 2.5 times of VCON.
If VCON is over 1.44V (VOUT = 3.6V), sub-harmonic oscillation may occur because of insufficient slope
compensation. If VCON voltage is less than 0.32V (VOUT = 0.8V), the output voltage may not be regulated due to
the required on-time being less than the minimum on-time (50ns). The output voltage can go lower than 0.8V
providing a limited VIN range is used. Refer to datasheet curve (VCON Voltage vs Output Voltage) for details. This
curve is for a typical part and there could be part-to-part variation for output voltages less than 0.8V over the
limited VIN range.
12
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Links: LM3205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com