Electronic Components Datasheet Search
  English  ▼

X  

LM3205 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3205
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3205 Datasheet(HTML) 1 Page - Texas Instruments

  LM3205 Datasheet HTML 1Page - Texas Instruments LM3205 Datasheet HTML 2Page - Texas Instruments LM3205 Datasheet HTML 3Page - Texas Instruments LM3205 Datasheet HTML 4Page - Texas Instruments LM3205 Datasheet HTML 5Page - Texas Instruments LM3205 Datasheet HTML 6Page - Texas Instruments LM3205 Datasheet HTML 7Page - Texas Instruments LM3205 Datasheet HTML 8Page - Texas Instruments LM3205 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FB
EN
VDD
PVIN
VCON
SW
VIN
2.7V to 5.5V
VOUT
0.8V to 3.6V
10 PF
4.7 PF
SGND
PGND
3.3 PH
LM3205
VOUT = 2.5 x VCON
LM3205
www.ti.com
SNVS388D – JULY 2005 – REVISED MAY 2009
LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power
Amplifiers
Check for Samples: LM3205
1
FEATURES
APPLICATIONS
2
•
2 MHz (typ.) PWM Switching Frequency
•
Cellular Phones
•
Operates from a single Li-Ion cell (2.7V to
•
Hand-Held Radios
5.5V)
•
RF PC Cards
•
Variable Output Voltage (0.8V to 3.6V)
•
Battery Powered RF Devices
•
Fast Output Voltage Transient (0.8V to 3.6V in
20µs)
•
650mA Maximum load capability
•
High Efficiency (96% Typ at 4.2VIN, 3.4VOUT at
400mA) from internal synchronous
rectification
•
Current Overload Protection
•
Thermal Overload Protection
Packages
•
8-Pin microSMD (Lead Free)
•
10-Pin LLP
DESCRIPTION
The LM3205 is a DC-DC converter optimized for powering RF power amplifiers (PAs) from a single Lithium-Ion
cell, however they may be used in many other applications. It steps down an input voltage from 2.7V to 5.5V to a
variable output voltage from 0.8V(typ.) to 3.6V(typ.). Output voltage is set using a VCON analog input for
controlling power levels and efficiency of the RF PA.
The LM3205 offers superior performance for mobile phones and similar RF PA applications. Fixed-frequency
PWM operation minimizes RF interference. Shutdown function turns the device off and reduces battery
consumption to 0.01 µA (typ.).
The LM3205 is available in micro SMD package and LLP package. For all other package options contact your
local NSC sales office.
A high switching frequency (2 MHz) allows use of tiny surface-mount components. Only three small external
surface-mount components, an inductor and two ceramic capacitors are required.
TYPICAL APPLICATION
Figure 1. LM3205 Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3205

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 28P
Miniature, Adjustable, Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3205SD-2 NSC-LM3205SD-2 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205SD-2 NSC-LM3205SD-2 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results

Similar Description - LM3205

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
ams AG
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI-LM3205_15 Datasheet
1Mb / 28P
LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 TI-LM3208_15 Datasheet
3Mb / 25P
LM3208 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
650mA Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com