Electronic Components Datasheet Search
  English  ▼

X  

LM3205 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3205
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3205 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3205 Datasheet HTML 9Page - Texas Instruments LM3205 Datasheet HTML 10Page - Texas Instruments LM3205 Datasheet HTML 11Page - Texas Instruments LM3205 Datasheet HTML 12Page - Texas Instruments LM3205 Datasheet HTML 13Page - Texas Instruments LM3205 Datasheet HTML 14Page - Texas Instruments LM3205 Datasheet HTML 15Page - Texas Instruments LM3205 Datasheet HTML 16Page - Texas Instruments LM3205 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LM3205
www.ti.com
SNVS388D – JULY 2005 – REVISED MAY 2009
INDUCTOR SELECTION
A 3.3µH inductor with saturation current rating over 1200mA and low inductance drop at the full DC bias
condition is recommended for almost all applications. The inductor’s DC resistance should be less than 0.2
Ω for
good efficiency. For low dropout voltage, lower DCR inductors are advantageous. The lower limit of acceptable
inductance is 2.3µH at 1200mA over the operating temperature range. Full attention should be paid to this limit,
because some small inductors show large inductance drops at high DC bias. These can not be used with the
LM3205. Taiyo-Yuden NR3015T3R3M is an example of an inductor with the lowest acceptable limit (as of
Nov./05). Table 2 suggests some inductors and suppliers.
Table 2. Suggested inductors and their suppliers
Model
Size (WxLxH) [mm]
Vendor
NR3015T3R3M
3.0 x 3.0 x 1.5
Taiyo-Yuden
DO3314-332MXC
3.3 x 3.3 x 1.4
Coilcraft
If a smaller inductance inductor is used in the application, the LM3205 may become unstable during line and load
transients and VCON transient response times may get affected.
For low-cost applications, an unshielded bobbin inductor is suggested. For noise-critical applications, a toroidal or
shielded-bobbin inductor should be used. A good practice is to lay out the board with footprints accommodating
both types for design flexibility. This allows substitution of a low-noise toroidal inductor, in the event that noise
from low-cost bobbin models is unacceptable. Saturation occurs when the magnetic flux density from current
through the windings of the inductor exceeds what the inductor’s core material can support with a corresponding
magnetic field. This can cause poor efficiency, regulation errors or stress to a DC-DC converter like the LM3205.
CAPACITOR SELECTION
The LM3205 is designed for use with ceramic capacitors for its input and output filters. Use a 10µF ceramic
capacitor for input and a 4.7µF ceramic capacitor for output. They should maintain at least 50% capacitance at
DC bias and temperature conditions. Ceramic capacitors types such as X5R, X7R are recommended for both
filters. These provide an optimal balance between small size, cost, reliability and performance for cell phones
and similar applications. Table 3 lists some suggested part numbers and suppliers. DC bias characteristics of the
capacitors must be considered when selecting the voltage rating and case size of the capacitor. A few
manufactures can supply 4.7µF capacitors in the 0805 case size which maintain at least 50% of their value, but
TDK is currently the only manufacturer which can provide such capacitors in the 0603 case size. As of
November, 2005, no manufacture can supply 10µF capacitors in the 0603 case size which maintain 50% of their
value. If it is necessary to choose a 0603-size capacitor for VIN, the operation of the LM3205 should be carefully
evaluated on the system board. Output capacitors with smaller case sizes mitigate piezo electric vibrations when
the output voltage is stepped up and down at fast rates. However, they have a larger percentage drop in value
with dc bias. Use of multiple 2.2µF or 1µF capacitors in parallel may also be considered.
Table 3. Suggested capacitors and their suppliers
Model
Vendor
0805ZD475KA 4.7µF, 10V
AVX
C1608X5R0J475M, 4.7µF, 6.3V
TDK
C2012X5R0J106M,10µF, 6.3V
TDK
The input filter capacitor supplies AC current drawn by the PFET switch of the LM3205 in the first part of each
cycle and reduces the voltage ripple imposed on the input power source. The output filter capacitor absorbs the
AC inductor current, helps maintain a steady output voltage during transient load changes and reduces output
voltage ripple. These capacitors must be selected with sufficient capacitance and sufficiently low ESR
(Equivalent Series Resistance) to perform these functions. The ESR of the filter capacitors is generally a major
factor in voltage ripple.
EN PIN CONTROL
Drive the EN pin using the system controller to turn the LM3205 ON and OFF. Use a comparator, Schmidt trigger
or logic gate to drive the EN pin. Set EN high (>1.2V) for normal operation and low (<0.5V) for a 0.01µA (typ.)
shutdown mode.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com