Electronic Components Datasheet Search
  English  ▼

X  

LP5522 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5522
Description  Programmable LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5522 Datasheet(HTML) 5 Page - Texas Instruments

  LP5522 Datasheet HTML 1Page - Texas Instruments LP5522 Datasheet HTML 2Page - Texas Instruments LP5522 Datasheet HTML 3Page - Texas Instruments LP5522 Datasheet HTML 4Page - Texas Instruments LP5522 Datasheet HTML 5Page - Texas Instruments LP5522 Datasheet HTML 6Page - Texas Instruments LP5522 Datasheet HTML 7Page - Texas Instruments LP5522 Datasheet HTML 8Page - Texas Instruments LP5522 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
RESET
STANDBY
ACTIVE
POR = L
Control command
POR
Control command
ends
POR = H
LP5522
www.ti.com
SNVS488 – JUNE 2007
LP5522 Block Diagram
Modes of Operation
RESET In the reset mode all functions are off and all registers are reset to the default values. Reset is entered
always if internal Power On Reset (POR) is active. Power On Reset will activate during the device startup
or when the supply voltage VIN falls below 1.5V (typ.).
STANDBY: After Power On Reset device is in Standby mode. This is the low power consumption mode, when
all circuit functions are disabled.
ACTIVE: Once rising edge of CTRL signal is detected device goes into Active mode. In Active mode four sub
modes are present:
RUN: Run mode is divided into two sub modes depending on whether a blinking sequence is programmed into
memory or not.
Non-programmed mode: No blinking sequence programmed to memory. LED output follows CTRL input
Programmed mode: Blinking sequence programmed to memory. LED output follows the programmed blinking
sequence
RUN ONCE: In Run once mode, programmed blinking sequence is performed once and after that device
returns into Standby mode. Run once mode is available only if a blinking sequence is programmed into
memory.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP5522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com