Electronic Components Datasheet Search
  English  ▼

X  

LP5522 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP5522
Description  Programmable LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5522 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5522 Datasheet HTML 3Page - Texas Instruments LP5522 Datasheet HTML 4Page - Texas Instruments LP5522 Datasheet HTML 5Page - Texas Instruments LP5522 Datasheet HTML 6Page - Texas Instruments LP5522 Datasheet HTML 7Page - Texas Instruments LP5522 Datasheet HTML 8Page - Texas Instruments LP5522 Datasheet HTML 9Page - Texas Instruments LP5522 Datasheet HTML 10Page - Texas Instruments LP5522 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LP5522
www.ti.com
SNVS488 – JUNE 2007
LED Driver Typical Performance Characteristics
TJ = 25°C. Unless otherwise noted, typical performance characteristics apply to the LP5522 Block Diagram with: VIN = 3.6V,
RISET = 24 kΩ, CIN = 100 nF.
Output Current vs RISET (Expanded Range)
Output Current vs RISET
Output Current vs Input Voltage
(ISET Connected To VDD)
Output Current vs Headroom Voltage
Line Regulation
LED Startup
Control Interface Operational Description
LP5522 has one digital control input, CTRL. Threshold levels of CTRL input are fixed to enable control from low
voltage controller. CTRL signal is used to control the mode of the circuit. A rising edge of the CTRL signal
activates the circuit and starts a command entering period. During the command entering period all rising edges
are counted. After command entering period there is a blank period when no rising edges are allowed. If CTRL is
left high after command entering period, the consequent command is performed right after the blank period.
Note that timing diagrams are not on scale!
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP5522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com