Electronic Components Datasheet Search
  English  ▼

X  

LP5522 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP5522
Description  Programmable LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5522 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5522 Datasheet HTML 6Page - Texas Instruments LP5522 Datasheet HTML 7Page - Texas Instruments LP5522 Datasheet HTML 8Page - Texas Instruments LP5522 Datasheet HTML 9Page - Texas Instruments LP5522 Datasheet HTML 10Page - Texas Instruments LP5522 Datasheet HTML 11Page - Texas Instruments LP5522 Datasheet HTML 12Page - Texas Instruments LP5522 Datasheet HTML 13Page - Texas Instruments LP5522 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
1st ON time
1st OFF time
CTRL
LED
2nd ON
time
t <
½*T_CYCLE_L
tENTER
To Standby
Blank period
1st ON time
1st OFF time
CTRL
LED
2nd ON
time
2nd OFF
time
tENTER
To Standby
Blank period
Command entering
period
Blank period
CTRL
LED
1st ON Time
1st OFF Time
starts
LP5522
SNVS488 – JUNE 2007
www.ti.com
TRAINING END COMMAND
Blinking sequence programming ends once Training End command is introduced. Three rising edges within time
period of tENTER is interpreted as Training End command. Note that blank period is also reguired after Training
End command. During blanc period no rising edges are allowed.
When Training End command is introduced during LED OFF time capturing, LED OFF time is recorded and chip
goes to standby mode.
If Training End command is introduced during LED ON time capturing, the associated LED ON period is not
recorded and hence neither OFF time. Notice that valid OFF time before Training End is longer than half of
Minimum LED OFF period (T_CYCLE_L).
LED TIMEOUT ON/OFF TIMES
When LP5522 is in training mode and CTRL signal is high longer than LED Timeout ON time, the ON time
counter saturates. In this case saturated ON time is recorded and LED OFF time capturing is started. At the
same time LED is switched off even if the CTRL signal is still high.
If ON time counter has saturated, LED OFF time recording is terminated either by giving a Train End command
or setting the CTRL signal to low and back to high. Setting the CTRL signal back to high records the LED OFF
time and starts next ON time capturing.
If anyhow CTRL is still high after the LED Timeout OFF time has been elapsed the OFF time counter saturates
and saturated OFF time is recorded. After that chip waits the CTRL signal to go low which cause the chip to go
Standby.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP5522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com