Electronic Components Datasheet Search
  English  ▼

X  

LP5522 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP5522
Description  Programmable LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5522 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP5522 Datasheet HTML 5Page - Texas Instruments LP5522 Datasheet HTML 6Page - Texas Instruments LP5522 Datasheet HTML 7Page - Texas Instruments LP5522 Datasheet HTML 8Page - Texas Instruments LP5522 Datasheet HTML 9Page - Texas Instruments LP5522 Datasheet HTML 10Page - Texas Instruments LP5522 Datasheet HTML 11Page - Texas Instruments LP5522 Datasheet HTML 12Page - Texas Instruments LP5522 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Command entering
period
Blank period
CTRL
LED
To Standby
Programmed sequence
Command entering
period
Blank period
CTRL
LED
To Standby
Programmed sequence
Command entering
period
Blank period
CTRL
LED
To Standby
LP5522
www.ti.com
SNVS488 – JUNE 2007
RUN ONCE COMMAND
Programmed blinking sequence is performed once after Run Once command. Four rising edges of CTRL signal
within command entering period is interpreted as Run Once command. If CTRL is kept high after command
entering period the programmed blinking sequence starts right after the blank period has elapsed. CTRL signal
must stay high as long as programmed blinking sequence is executed. If CTRL is set low during execution of
blinking sequence, device goes to standby and execution of blinking sequence is stopped.
If CTRL signal is low after command entering period, Run Once command is executed once the CTRL is set
high.
TRAINING START COMMAND
Blinking sequence is programmed into memory in training mode. Blinking sequence is stored into volatile
memory, thus removing input voltage VIN resets the memory. Memory can also be reset by giving Training Start
and Training End commands without any valid LED ON/OFF times.
LP5522 enters to Training mode after Training Start command. Two rising edges within command entering
period is interpreted as the Training Start command. The first LED ON time capturing is started once the rising
edge of CTRL signal is detected after the blank period. LED output follows CTRL signal during the programming.
The first LED ON time is recorded once CTRL signal is set low. Same time the first LED OFF time capturing is
started. Programmed blinking sequence can have one to three LED ON/OFF times. In order to be programmed
correctly, at least one valid LED ON and LED OFF time must be recorded.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP5522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com