Electronic Components Datasheet Search
  English  ▼

X  

MB86613 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB86613
Description  IEEE 1394 Open HCI Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86613 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB86613 Datasheet HTML 4Page - fujitsu semiconductor MB86613 Datasheet HTML 5Page - fujitsu semiconductor MB86613 Datasheet HTML 6Page - fujitsu semiconductor MB86613 Datasheet HTML 7Page - fujitsu semiconductor MB86613 Datasheet HTML 8Page - fujitsu semiconductor MB86613 Datasheet HTML 9Page - fujitsu semiconductor MB86613 Datasheet HTML 10Page - fujitsu semiconductor MB86613 Datasheet HTML 11Page - fujitsu semiconductor MB86613 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MB86613
8
(Continued)
Ball No.
I/O
Pin name
Supply
Voltage (V)
Ball No.
I/O
Pin name
Supply
Voltage (V)
M8
I
TEST
5
H11
N.C.
K9
VSS5
H12
I/O
TPA#1
3.3
P9
I
CSCLK
5/3.3
H13
I/O
TPA1
3.3
N9
DVDD3
H14
O
TPBIAS1
3.3
M9
DVSS3
H10
AVDD3
L9
I
CLK
5/3.3
G10
AVSS3
P10
AVSS3
G11
AVSS3
N10
AVDD3
G14
AVDD3
M10
I
FIL
3.3
G13
I/O
TPB0#
3.3
L10
O
RF
3.3
G12
I/O
TPB0
3.3
P11
AVSS3
F10
N.C.
N11
AVDD3
F14
I/O
TPA0#
3.3
M11
O
R0
3.3
F13
I/O
TPA0
3.3
K10
I
CPS
3.3
F12
O
TPBIAS0
3.3
P12
N.C.
F11
AVDD3
N12
N.C.
E14
AVSS3
M12
N.C.
E13
DVSS3
P13
N.C.
E12
DVDD3
N14
N.C.
E11
VSS5/3
N13
AVSS3
D14
OD
INTA#
5/3.3
L11
AVDD3
D13
I
RST#
5/3.3
M13
I/O
TPB2#
3.3
D12
I
PCICLK
5/3.3
M14
I/O
TPB2
3.3
E10
I
GNT#
5/3.3
L12
N.C.
C14
O
REQ#
5/3.3
K11
N.C.
C13
VDD5/3
L13
I/O
TPA2#
3.3
C12
N.C.
L14
I/O
TPA2
3.3
B14
N.C.
J10
N.C.
A13
N.C.
K12
O
TPBIAS2
3.3
B13
N.C.
K13
AVDD3
D11
N.C.
K14
AVSS3
B12
N.C.
J11
AVSS3
A12
I/O
AD31
5/3.3
J12
AVDD3
C11
I/O
AD30
5/3.3
J13
I/O
TPB1#
3.3
D10
I/O
AD29
5/3.3
J14
I/O
TPB1
3.3
B11
I/O
AD28
5/3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com