Electronic Components Datasheet Search
  English  ▼

X  

MB86613 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB86613
Description  IEEE 1394 Open HCI Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86613 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB86613 Datasheet HTML 17Page - fujitsu semiconductor MB86613 Datasheet HTML 18Page - fujitsu semiconductor MB86613 Datasheet HTML 19Page - fujitsu semiconductor MB86613 Datasheet HTML 20Page - fujitsu semiconductor MB86613 Datasheet HTML 21Page - fujitsu semiconductor MB86613 Datasheet HTML 22Page - fujitsu semiconductor MB86613 Datasheet HTML 23Page - fujitsu semiconductor MB86613 Datasheet HTML 24Page - fujitsu semiconductor MB86613 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
MB86613
21
(3) PCICLK
(4) RST#
Parameter
Symbol
Condition
Value
Unit
Min.
Max.
Clock frequency
fC

33
MHz
Clock cycle time
tCLF
30
∞
ns
Clock pulse width
tCLCH, tCLCL
11
ns
Clock rise/fall time
tCR, tCF

6ns
Slew rate

14
V/ns
Parameter
Symbol
Condition
Value
Unit
Min.
Max.
Hold time after power stabilization
tRST
0
PCI
CLK
Hold time after clock stabilization
tCLKHM
6
PCI
CLK
2.0 (V)
0.8 (V)
PCICLK
tCLCH
tCLF
tCR
tCF
tCLCL
PCICLK
RST#
tCLKHM
tRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com