Electronic Components Datasheet Search
  English  ▼

X  

MB86613 Datasheet(PDF) 18 Page - fujitsu semiconductor

Part # MB86613
Description  IEEE 1394 Open HCI Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86613 Datasheet(HTML) 18 Page - fujitsu semiconductor

Back Button MB86613 Datasheet HTML 14Page - fujitsu semiconductor MB86613 Datasheet HTML 15Page - fujitsu semiconductor MB86613 Datasheet HTML 16Page - fujitsu semiconductor MB86613 Datasheet HTML 17Page - fujitsu semiconductor MB86613 Datasheet HTML 18Page - fujitsu semiconductor MB86613 Datasheet HTML 19Page - fujitsu semiconductor MB86613 Datasheet HTML 20Page - fujitsu semiconductor MB86613 Datasheet HTML 21Page - fujitsu semiconductor MB86613 Datasheet HTML 22Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
MB86613
18
(3) Memory Interface
*1 : For input at 3-state pin.
*2 : Typical resistance value 50 k
Ω.
(4) CLK, CSCLK Pins
* : For input at 3-state pin.
Parameter
Symbol
Condition
Value
Unit
Min.
Max.
“H” level input voltage
VIH
2.0
VDD5
+ 0.5
V
“L” level input voltage
VIL
VSS
− 0.5
0.8
V
“H” level output voltage
VOH
IOH
= −4.0 (mA)
2.4
V
“L” level output voltage
VOL
IOL
= 4.0 (mA)
0.4
V
Input leak current∗1
IIH
VIN
= 2.7 (V)
±10
µA
IIL
VIN
= 0.5 (V)
±10
µA
Input pull-up/pull-down
resistance∗2
RP
VIH
= VDD5
25
100
k
Ω
Parameter
Symbol
Condition
Value
Unit
Min.
Max.
“H” level input voltage
VIH
VDD3
× 0.7
VDD3
+ 0.3
V
“L” level input voltage
VIL
VSS
VDD3
× 0.2
V
Input leak current∗
IIL
0
< VIN < VDD3
−5
+5
µA
Input pull-up/pull-down
resistance
RP
VIH
= VDD3
25
200
k
Ω
Clock pin capacitance
CCLK
TBD
TBD
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com