Electronic Components Datasheet Search
  English  ▼

X  

LT3791 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3791
Description  60V 4-Switch Synchronous Buck-Boost Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3791 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3791 Datasheet HTML 4Page - Linear Technology LT3791 Datasheet HTML 5Page - Linear Technology LT3791 Datasheet HTML 6Page - Linear Technology LT3791 Datasheet HTML 7Page - Linear Technology LT3791 Datasheet HTML 8Page - Linear Technology LT3791 Datasheet HTML 9Page - Linear Technology LT3791 Datasheet HTML 10Page - Linear Technology LT3791 Datasheet HTML 11Page - Linear Technology LT3791 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT3791-1
8
37911fa
For more information www.linear.com/LT3791-1
V(BST1-SW1), V(BST2-SW2) UVLO
vs Temperature
BG1, BG2 Driver On-Resistance
vs Temperature
TG1, TG2 Driver On-Resistance
vs Temperature
PWMOUT On-Resistance
vs Temperature
VC Voltage vs Duty Cycle
V(SNSP-SNSN) Buck Threshold
vs VC
V(SNSP-SNSN) Buck Threshold
vs Temperature
V(SNSP-SNSN) Boost Threshold
vs VC
V(SNSP-SNSN) Boost Threshold
vs Temperature
TEMPERATURE (°C)
–50
3.5
3.7
150
37911 G28
3.3
3.1
0
50
100
–25
25
75
125
3.9
3.4
3.6
3.2
3.8
RISING
FALLING
TEMPERATURE (°C)
–50
2.5
3.0
3.5
150
37911 G29
2.0
1.5
0
0
50
100
–25
25
75
125
0.5
1.0
4.5
4.0
PULL-UP
PULL-DOWN
TEMPERATURE (°C)
–50
2.0
3.0
150
37911 G30
1.0
0
0
50
100
–25
25
75
125
4.0
1.5
2.5
0.5
3.5
PULL-UP
PULL-DOWN
TEMPERATURE (°C)
–50
8
10
12
100 125
37911 G31
6
4
–25
0
25
50
75
150
2
0
14
PULL-UP
PULL-DOWN
DUTY CYCLE (%)
0
0.6
0.8
1.0
60
100
37911 G32
0.4
0.2
0
20
40
80
1.2
1.4
1.6
BG2
BG1
V(SNSP-SNSN) = 0V
VC (V)
0.6
–60
–40
–20
0
20
60
0.8
1.0
1.2
1.4
37911 G33
1.6
1.8
40
TEMPERATURE (°C)
–50
–60
–40
–20
0
20
0
50
100
150
37911 G34
40
60
–25
25
75
125
VC(MIN)
VC(MAX)
VC (V)
0.6
60
40
20
0
–20
–40
–60
–80
1.2
1.6
37911 G35
0.8
1.0
1.4
1.8
TEMPERATURE (°C)
–50
0
20
40
100 125
37911 G36
–20
–40
–25
0
25
50
75
150
–60
–80
60
VC(MAX)
VC(MIN)
Typical perForMance characTerisTics T
A = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com