Electronic Components Datasheet Search
  English  ▼

X  

LT3791 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3791
Description  60V 4-Switch Synchronous Buck-Boost Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3791 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3791 Datasheet HTML 2Page - Linear Technology LT3791 Datasheet HTML 3Page - Linear Technology LT3791 Datasheet HTML 4Page - Linear Technology LT3791 Datasheet HTML 5Page - Linear Technology LT3791 Datasheet HTML 6Page - Linear Technology LT3791 Datasheet HTML 7Page - Linear Technology LT3791 Datasheet HTML 8Page - Linear Technology LT3791 Datasheet HTML 9Page - Linear Technology LT3791 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LT3791-1
6
37911fa
For more information www.linear.com/LT3791-1
V(ISP-ISN) Threshold vs VFB
ISMON Voltage vs Temperature
ISMON Voltage vs V(ISP-ISN)
V(IVINP-IVINN) Threshold
vs Temperature
V(IVINP-IVINN) Threshold vs VFB
V(IVINP-IVINN) Threshold
vs VIVINP
IVINMON Voltage vs Temperature
FB Regulation Voltage
vs Temperature
SHORT Threshold
vs Temperature
VFB (V)
1.17
0
20
40
60
80
120
1.18
1.19
1.20
1.21
37911 G10
1.22
1.23
100
TEMPERATURE (°C)
–50
1.00
1.02
150
37911 G11
0.98
0.96
0
50
100
–25
25
75
125
1.04
0.99
1.01
0.97
1.03
VIN = 12V
V(ISP-ISN) = 100mV
V(ISP-ISN) (mV)
0
0.6
0.8
1.0
80
37911 G12
0.4
0.2
0.5
0.7
0.9
0.3
0.1
0
20
10
40
30
60 70
90
50
100
TEMPERATURE (°C)
–50
50
52
54
25
50
75 100 125
37911 G13
48
46
–25
0
150
44
42
56
VIVINP = 60V
VIVINP = 3V
VIVINP (V)
0
49.5
50.0
50.5
30
50
37911 G14
49.0
48.5
48.0
10
20
40
51.0
51.5
52.0
60
TEMPERATURE (°C)
–50
1.00
1.02
150
37911 G15
0.98
0.96
0
50
100
–25
25
75
125
1.04
0.99
1.01
0.97
1.03
VIVINP = 12V
V(IVINP-VINN) = 50mV
VFB (V)
1.17
0
10
20
30
40
60
1.18
1.19
1.20
1.21
37911 G16
1.22
1.23
50
TEMPERATURE (°C)
–50
1.20
1.22
150
37911 G17
1.18
1.16
0
50
100
–25
25
75
125
1.24
1.19
1.21
1.17
1.23
VIN = 60V
VIN = 12V
VIN = 4.7V
TEMPERATURE (°C)
–50
0.400
0.450
150
37911 G18
0.350
0.300
0
50
100
–25
25
75
125
0.500
0.375
0.425
0.325
0.475
RISING
FALLING
Typical perForMance characTerisTics T
A = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com