Electronic Components Datasheet Search
  English  ▼

X  

LT3791 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3791
Description  60V 4-Switch Synchronous Buck-Boost Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3791 Datasheet(HTML) 2 Page - Linear Technology

  LT3791 Datasheet HTML 1Page - Linear Technology LT3791 Datasheet HTML 2Page - Linear Technology LT3791 Datasheet HTML 3Page - Linear Technology LT3791 Datasheet HTML 4Page - Linear Technology LT3791 Datasheet HTML 5Page - Linear Technology LT3791 Datasheet HTML 6Page - Linear Technology LT3791 Datasheet HTML 7Page - Linear Technology LT3791 Datasheet HTML 8Page - Linear Technology LT3791 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT3791-1
2
37911fa
For more information www.linear.com/LT3791-1
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltages
Input Supply (VIN).....................................................60V
SW1, SW2......................................................–1V to 60V
C/10, SHORT .............................................................15V
EN/UVLO, IVINP, IVINN, ISP, ISN ..............................60V
INTVCC, (BST1-SW1), (BST2-SW2).............................6V
CCM, SYNC, RT, CTRL, OVLO, PWM ..........................6V
IVINMON, ISMON, FB, SS, VC, VREF ...........................6V
IVINP-IVINN, ISP-ISN, SNSP-SNSN.......................±0.5V
SNSP, SNSN...........................................................±0.3V
Operating Junction Temperature (Notes 2, 3)
LT3791E-1/LT3791I-1 ......................... –40°C to 125°C
LT3791H-1 ......................................... –40°C to 150°C
LT3791MP-1....................................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
TOP VIEW
FE PACKAGE
38-LEAD PLASTIC TSSOP
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
CTRL
SS
PWM
C/10
SHORT
VREF
ISMON
IVINMON
EN/UVLO
IVINP
IVINN
VIN
INTVCC
TG1
BST1
SW1
PGND
BG1
BG2
OVLO
FB
VC
RT
SYNC
CLKOUT
CCM
PWMOUT
SGND
TEST1
SNSN
SNSP
ISN
ISP
TG2
NC
BST2
SW2
PGND
39
SGND
TJMAX = 150°C, θJA = 28°C/W
EXPOSED PAD (PIN 39) IS SGND, MUST BE SOLDERED TO PCB
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, VEN/UVLO = 12V unless otherwise noted.
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3791EFE-1#PBF
LT3791EFE-1#TRPBF
LT3791FE-1
38-Lead Plastic TSSOP
–40°C to 125°C
LT3791IFE-1#PBF
LT3791IFE-1#TRPBF
LT3791FE-1
38-Lead Plastic TSSOP
–40°C to 125°C
LT3791HFE-1#PBF
LT3791HFE-1#TRPBF
LT3791FE-1
38-Lead Plastic TSSOP
–40°C to 150°C
LT3791MPFE-1#PBF
LT3791MPFE-1#TRPBF
LT3791FE-1
38-Lead Plastic TSSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input
VIN Operating Voltage
4.7
60
V
VIN Shutdown IQ
VEN/UVLO = 0V
0.1
1
µA
VIN Operating IQ (Not Switching)
FB = 1.3V, RT = 59.0k
3.0
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com