Electronic Components Datasheet Search
  English  ▼

X  

LT3791 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3791
Description  60V 4-Switch Synchronous Buck-Boost Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3791 Datasheet(HTML) 4 Page - Linear Technology

  LT3791 Datasheet HTML 1Page - Linear Technology LT3791 Datasheet HTML 2Page - Linear Technology LT3791 Datasheet HTML 3Page - Linear Technology LT3791 Datasheet HTML 4Page - Linear Technology LT3791 Datasheet HTML 5Page - Linear Technology LT3791 Datasheet HTML 6Page - Linear Technology LT3791 Datasheet HTML 7Page - Linear Technology LT3791 Datasheet HTML 8Page - Linear Technology LT3791 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LT3791-1
4
37911fa
For more information www.linear.com/LT3791-1
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, VEN/UVLO = 12V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
C/10 Rising Threshold (VFB)
V(ISP-ISN) = 0V
l
1.127
1.15
1.173
V
C/10 Falling Threshold (VFB)
l
1.078
1.1
1.122
V
C/10 Falling Threshold (V(ISP-ISN))
VFB = 1.2V
5
10
15
mV
SHORT Falling Threshold (VFB)
380
400
450
mV
C/10 Pin Output Impedance
1.1
2.0
kΩ
SHORT Pin Output Impedance
1.1
2.0
kΩ
SS Latch-Off Threshold
1.75
V
SS Reset Threshold
0.2
V
Oscillator
Switching Frequency
RT = 147k
RT = 59.0k
RT = 29.1k
190
380
665
200
400
700
210
420
735
kHz
kHz
kHz
SYNC Frequency
200
700
kHz
SYNC Pin Resistance to GND
90
kΩ
SYNC Threshold Voltage
0.3
1.5
V
Internal VCC Regulator
INTVCC Regulation Voltage
4.8
5
5.2
V
Dropout (VIN – INTVCC)
IINTVCC = –10mA, VIN = 5V
240
350
mV
INTVCC Undervoltage Lockout
3.1
3.5
3.9
V
INTVCC Current Limit
VINTVCC = 4V
67
mA
PWM
PWM Threshold Voltage
0.3
1.5
V
PWM Pin Resistance to GND
90
kΩ
PWMOUT Pull-Up Resistance
10
20
Ω
PWMOUT Pull-Down Resistance
5
10
Ω
NMOS Drivers
TG1, TG2 Gate Driver On-Resistance
Gate Pull-Up
Gate Pull-Down
VBST – VSW = 5V
2.6
1.7
Ω
Ω
BG1, BG2 Gate Driver On-Resistance
Gate Pull-Up
Gate Pull-Down
VINTVCC = 5V
3
1.2
Ω
Ω
TG Off to BG On Delay
CL = 3300pF
60
ns
BG Off to TG On Delay
CL = 3300pF
60
ns
TG1, TG2, tOFF(MIN)
RT = 59.0k
240
300
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3791E-1 is guaranteed to meet performance from
0°C to 125°C junction temperature. Specification over the -40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls.
The LT3791I-1 is guaranteed to meet performance specifications over the
–40°C to 125°C operating junction temperature range. The LT3791H-1 is
guaranteed to meet performance specifications over the –40°C to 150°C
operating junction temperature range. The LT3791MP-1 is guaranteed
to meet performance specifications over the –55°C to 150°C operating
junction temperature range. High junction temperatures degrade operating
lifetimes. Operating lifetime is derated for junction temperatures greater
than 125°C.
Note 3: The LT3791-1 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed the maximum operating junction temperature
when overtemperature protection is active. Continuous operation above
the specified absolute maximum operating junction temperature may
impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com