Electronic Components Datasheet Search
  English  ▼

X  

REF3320 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # REF3320
Description  0.9-V to 6.5-V, Nanopower Comparator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3320 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF3320 Datasheet HTML 2Page - Texas Instruments REF3320 Datasheet HTML 3Page - Texas Instruments REF3320 Datasheet HTML 4Page - Texas Instruments REF3320 Datasheet HTML 5Page - Texas Instruments REF3320 Datasheet HTML 6Page - Texas Instruments REF3320 Datasheet HTML 7Page - Texas Instruments REF3320 Datasheet HTML 8Page - Texas Instruments REF3320 Datasheet HTML 9Page - Texas Instruments REF3320 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Time (6 s/div)
C023
Output Voltage
Input Voltage
t
PLH = 40 s
V
S = 0.9 V, CL = 20 pF
Overdrive = 50 mV
Time (6 s/div)
C024
Output Voltage
Input Voltage
t
PLH = 45 s
V
S = 0.9 V, CL = 20 pF
Overdrive = 50 mV


1m
10p
100p
1n
10n
100n
Output Capacitive Load (F)
0.9-V Supply, Overdrive = 50 mV
0.9-V Supply, Overdrive = 100 mV
6.5-V Supply, Overdrive = 50 mV
6.5-V Supply, Overdrive = 100 mV
C017


1m
10p
100p
1n
10n
100n
Output Capacitive Load (F)
0.9-V Supply, Overdrive = 50 mV
0.9-V Supply, Overdrive = 100 mV
6.5-V Supply, Overdrive = 50 mV
6.5-V Supply, Overdrive = 100 mV
C018
0
20
40
60
80
100
120
140
0
100
200
300
400
Input Overdrive (mV)
Propagation Delay H-L
Propagation Delay L-H
C009
V
S = 0.9 V
V
OD = 50 mV
0
20
40
60
80
100
120
140
0
200
400
600
800
1000
Input Overdrive (mV)
Propagation Delay H-L
Propagation Delay L-H
C008
V
S = 6.5 V
V
OD = 50 mV
TLV3691
SBOS694 – DECEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +0.9 V to +6.5 V, and input overdrive = 100 mV, unless otherwise noted.
Figure 7. PROPAGATION DELAY vs INPUT OVERDRIVE
Figure 8. PROPAGATION DELAY vs INPUT OVERDRIVE
(VS = 0.9 V)
(VS = 6.5 V)
Figure 9. PROPAGATION DELAY (tPLH) vs
Figure 10. PROPAGATION DELAY (tPHL) vs
CAPACITIVE LOAD
CAPACITIVE LOAD
Figure 11. PROPAGATION DELAY (tPLH)
Figure 12. PROPAGATION DELAY (tPHL)
(VS = 0.9 V, Overdrive = 50 mV)
(VS = 0.9 V, Overdrive = 50 mV)
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TLV3691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com