Electronic Components Datasheet Search
  English  ▼

X  

REF3320 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # REF3320
Description  0.9-V to 6.5-V, Nanopower Comparator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3320 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REF3320 Datasheet HTML 4Page - Texas Instruments REF3320 Datasheet HTML 5Page - Texas Instruments REF3320 Datasheet HTML 6Page - Texas Instruments REF3320 Datasheet HTML 7Page - Texas Instruments REF3320 Datasheet HTML 8Page - Texas Instruments REF3320 Datasheet HTML 9Page - Texas Instruments REF3320 Datasheet HTML 10Page - Texas Instruments REF3320 Datasheet HTML 11Page - Texas Instruments REF3320 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
±15
±12
±9
±6
±3
0
3
6
9
12
15
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Common-Mode Voltage (V)
C028
8 Typical Units Shown
V
S = 0.9 V
±15
±12
±9
±6
±3
0
3
6
9
12
15
-1
0
1
2
3
4
5
6
7
Common-Mode Voltage (V)
C027
8 Typical Units Shown
V
S = 6.5 V
0
5
10
15
20
25
30
35
40
45
Offset Voltage (mV)
C020
Distribution Taken From 1000 Comparators
V
S = 0.9 V
0
5
10
15
20
25
30
35
40
45
Offset Voltage (mV)
C019
Distribution Taken From 1000 Comparators
V
S = 6.5 V
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
125
Temperature (SC)
C010
V
S = 6.5 V
t
PLH
t
PHL
V
OD = 100 mV
Time (40 s/div)
C029
V
OUT Voltage
V
S Voltage
t
TURN-ON = 200 s
V
S = 6.5 V
TLV3691
SBOS694 – DECEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +0.9 V to +6.5 V, and input overdrive = 100 mV, unless otherwise noted.
Figure 19. PROPAGATION DELAY vs TEMPERATURE
Figure 20. START-UP TIME
Figure 21. OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Figure 22. OFFSET VOLTAGE PRODUCTION DISTRIBUTION
(VS = 0.9 V)
(VS = 6.5 V)
Figure 23. OFFSET VOLTAGE vs COMMON-MODE
Figure 24. OFFSET VOLTAGE vs COMMON-MODE
VOLTAGE (VS = 0.9 V)
VOLTAGE (VS = 6.5 V)
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TLV3691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com