Electronic Components Datasheet Search
  English  ▼

X  

REF3320 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # REF3320
Description  0.9-V to 6.5-V, Nanopower Comparator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3320 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF3320 Datasheet HTML 10Page - Texas Instruments REF3320 Datasheet HTML 11Page - Texas Instruments REF3320 Datasheet HTML 12Page - Texas Instruments REF3320 Datasheet HTML 13Page - Texas Instruments REF3320 Datasheet HTML 14Page - Texas Instruments REF3320 Datasheet HTML 15Page - Texas Instruments REF3320 Datasheet HTML 16Page - Texas Instruments REF3320 Datasheet HTML 17Page - Texas Instruments REF3320 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
RB
RA
OUT
Headphone Jack
Key Board
Touch Screen
Light Sense
+
_
V+
TLV3691
V-
V+
V-
1
2
3
4
5
6
7
8
9
*
0
#
1.2 V
RC
RA
RB
VUVTH
VUV
+
_
V+
TLV3691
V-
+
_
V+
TLV3691
V-
VOVTH
VIN
GND
VOV
VUV = LOW when VIN(RA+RB)/(RA+ RB+RC) < VUVTH
VOV = LOW when VIN(RA)/(RA+ RB+RC) > VOVTH
VREF
TLV3691
SBOS694 – DECEMBER 2013
www.ti.com
APPLICATIONS
This section provides several example applications for the TLV3691.
Over- and Undervoltage Detection
Figure 32. Over- and Undervoltage Detection
System Monitoring
Figure 33. System Monitoring
14
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TLV3691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com