Electronic Components Datasheet Search
  English  ▼

X  

REF3320 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # REF3320
Description  0.9-V to 6.5-V, Nanopower Comparator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3320 Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF3320 Datasheet HTML 8Page - Texas Instruments REF3320 Datasheet HTML 9Page - Texas Instruments REF3320 Datasheet HTML 10Page - Texas Instruments REF3320 Datasheet HTML 11Page - Texas Instruments REF3320 Datasheet HTML 12Page - Texas Instruments REF3320 Datasheet HTML 13Page - Texas Instruments REF3320 Datasheet HTML 14Page - Texas Instruments REF3320 Datasheet HTML 15Page - Texas Instruments REF3320 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
+V
+5 V
CC
R
LOAD
V
O
R2
1 MW
V
REF
+2.5 V
V
A
5 V
0 V
1.675 V
3.325 V
V
IN2
V
IN
V
O High
+V
CC
V = V
A
REF
R2
R1
330 kW
V
IN
R1
V
O Low
V
IN1
V = V
A
REF
R1
R2
V
O
V
IN1
V
IN2
DV = V
IN
CC
´
R1
R2
V
=
IN2
V
REF
CC
(R1 + R2)
V
R1
-
´
R2
V
= R1
IN1
´
VREF
R2
+ VREF
TLV3691
SBOS694 – DECEMBER 2013
www.ti.com
Noninverting Comparator with Hysteresis
A noninverting comparator with hysteresis requires a two-resistor network, as shown in Figure 30, and a voltage
reference (VREF) at the inverting input. When VIN is low, the output is also low. For the output to switch from low
to high, VIN must rise to VIN1. VIN1 is calculated by Equation 4:
(4)
When VIN is high, the output is also high. In order for the comparator to switch back to a low state, VIN must drop
to VIN2 such that VA is equal to VREF. VIN2 can be calculated by Equation 5:
(5)
The hysteresis of this circuit is the difference between VIN1 and VIN2, as defined by Equation 6.
(6)
Figure 30. TLV3691 in a Noninverting Configuration with Hysteresis
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TLV3691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com