Electronic Components Datasheet Search
  English  ▼

X  

MB89943 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB89943
Description  8-bit Proprietary Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89943 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB89943 Datasheet HTML 4Page - fujitsu semiconductor MB89943 Datasheet HTML 5Page - fujitsu semiconductor MB89943 Datasheet HTML 6Page - fujitsu semiconductor MB89943 Datasheet HTML 7Page - fujitsu semiconductor MB89943 Datasheet HTML 8Page - fujitsu semiconductor MB89943 Datasheet HTML 9Page - fujitsu semiconductor MB89943 Datasheet HTML 10Page - fujitsu semiconductor MB89943 Datasheet HTML 11Page - fujitsu semiconductor MB89943 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
MB89940 Series
(Continued)
*1: FPT-48P-M16
*2: MQP-48C-P01
Pin no.
Pin name
Circuit
type
Function
QFP*1
MQFP*2
37
37
P31/TEMPO
G
This pin can be used for the bit 1 of Port 3 or the
output from PWM4.
The function of this pin can be switched by setting
the internal register of PWM4. This output has a high
drive-current capability.
38,
39
38,
39
P32/PWM1P,
P33/PWM1M
G
These pins are the pair of high-current driver outputs
for one of two motor coils.
They can be also used for the bits 2 and 3 of Port 3
by setting the internal register of the stepper motor
controller.
40,
41
40,
41
P34/PWM2P,
P35/PWM2M
G
These pins are the pair of high-current driver outputs
for one of two motor coils.
They can be also used for the bits 4 and 5 of Port 3
by setting the internal register of the stepper motor
controller.
44
44
P36/TEMPI
M
This analog input is connected to channel 1 of the
A/D converter.
It can also be used for the bit 6 of Port 3 when this A/
D input enable register bit is set to ‘0’.
45
45
P37/FUELI
M
This analog input is connected to channel 0 of the
A/D converter.
It can also be used for the bit 7 of Port 3 when this A/
D input enable register bit is set to ‘0’.
46
46
P40/PW
L
This pin has two functions.
When this pin is used as an open-drain output of
Port 4, the external voltage monitor reset should be
in the power down mode.
When it is used as the PW input of external voltage
monitor reset, the corresponding bit of the port data
register should be set to ‘1’.
3, 4
8, 9
3, 4
8, 9
P41/COM0 to
P44/COM3
K
These pins are the LCD common signal outputs.
When LCD is not used, these pins can be also used
for Port 4.
47
47
VINT
—
An external capacitor should be connected to this
pin for stabilizing the internal 3.0 V power supply.
For MB89PV940 and MB89P945, this pin should be
left open.
77
VCC
—VCC
19
19
VSS
—VSS
11
AVCC
—
The power supply pin for the analog circuit
The same voltage should be applied as VCC.
43
43
AVSS
—
The power supply pin for the analog circuit
The same voltage should be applied as VSS.
36
36
DVCC
—
The dedicated power supply pin for the high-current
driver output
The same voltage should be applied as VCC.
42
42
DVSS
—
The dedicated power supply pin for the high-current
driver output
The same voltage should be applied as VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com