Electronic Components Datasheet Search
  English  ▼

X  

MB89943 Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB89943
Description  8-bit Proprietary Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89943 Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB89943 Datasheet HTML 22Page - fujitsu semiconductor MB89943 Datasheet HTML 23Page - fujitsu semiconductor MB89943 Datasheet HTML 24Page - fujitsu semiconductor MB89943 Datasheet HTML 25Page - fujitsu semiconductor MB89943 Datasheet HTML 26Page - fujitsu semiconductor MB89943 Datasheet HTML 27Page - fujitsu semiconductor MB89943 Datasheet HTML 28Page - fujitsu semiconductor MB89943 Datasheet HTML 29Page - fujitsu semiconductor MB89943 Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
26
MB89940 Series
(Continued)
(AVCC = VCC = DVCC = 5.0 V, VSS = AVSS = DVSS = 0.0 V)
* : For information on tinst, see “(4) Instruction Cycle” in “4. AC Characteristics.”
4. AC Characteristics
(1) Reset Timing
(AVSS = VSS = DVSS, TA = –40
°C to +85°C)
tHCYL: One oscillation clock cycle time
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Input leakage current
IIL1
MODE, P10 to P17,
P20 to P27, P30 to P37,
P40 to P44
0.0 V< VI < VCC,
VCC = DVCC
–5
—
+5
µA
Without
pull-up option
Pull-up resistance
RPULL
RST, P12 to P17,
P20 to P27
—
25
50
100
k
Ω
With pull-up
option
LCD internal bias
voltage resister
RLCD
V0-V1, V1-V2, V2-V3
—
50
100
200
k
Ω
Power supply current
ICC
VCC
FC = 8 MHz,
tinst* = 0.5
µs
ICC = I(VCC)
+ I(DVCC)
12
20
mA
MB89PV940
12
20
mA
MB89943,
MB89P945
ICCS
FC = 8 MHz
tinst* = 0.5
µs
ICCS = I(VCC)
+ I(DVCC)
in Sleep mode
—3
7
mA
ICCH
In Stop mode
TA = 25
°C
ICCH = I(VCC)
+ I(DVCC)
—5
10
µA
IA
AVCC
FC = 8 MHz
IA = I(AVCC)
A/D in operation
—6
8
mA
IAH
FC = 8 MHz
IAH = I(AVCC)
A/D stopped
—5
10
µA
Input capacitance
CIN
—f = 1 MHz
—
10
—
pF
External capacitor
at VINT
CVINT
——
—
0.1
—
µF MB89943 only
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Max.
RST “L” pulse width
tZLZH
—
16 tHCYL
—ns
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com