Electronic Components Datasheet Search
  English  ▼

X  

MB89943 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB89943
Description  8-bit Proprietary Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89943 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB89943 Datasheet HTML 17Page - fujitsu semiconductor MB89943 Datasheet HTML 18Page - fujitsu semiconductor MB89943 Datasheet HTML 19Page - fujitsu semiconductor MB89943 Datasheet HTML 20Page - fujitsu semiconductor MB89943 Datasheet HTML 21Page - fujitsu semiconductor MB89943 Datasheet HTML 22Page - fujitsu semiconductor MB89943 Datasheet HTML 23Page - fujitsu semiconductor MB89943 Datasheet HTML 24Page - fujitsu semiconductor MB89943 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
MB89940 Series
The following general-purpose registers are provided:
General-purpose registers: An 8-bit register for storing data
The general-purpose registers are 8 bits and located in the register banks of the memory. One bank contains
eight registers and up to a total of 16 banks can be used on the MB89943 (RAM 512
× 8 bits). The bank currently
in use is indicated by the register bank pointer (RP).
Note: The number of register banks that can be used varies with the RAM size. Up to a total of 32 banks can
be used on other than the MB89943.
Register Bank Configuration
This address = 0100H + 8
× (RP)
Memory area
16 banks
R 0
R 1
R 2
R 3
R 4
R 5
R 6
R 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com