Electronic Components Datasheet Search
  English  ▼

X  

MB89943 Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB89943
Description  8-bit Proprietary Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89943 Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB89943 Datasheet HTML 32Page - fujitsu semiconductor MB89943 Datasheet HTML 33Page - fujitsu semiconductor MB89943 Datasheet HTML 34Page - fujitsu semiconductor MB89943 Datasheet HTML 35Page - fujitsu semiconductor MB89943 Datasheet HTML 36Page - fujitsu semiconductor MB89943 Datasheet HTML 37Page - fujitsu semiconductor MB89943 Datasheet HTML 38Page - fujitsu semiconductor MB89943 Datasheet HTML 39Page - fujitsu semiconductor MB89943 Datasheet HTML 40Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
39
MB89940 Series
s PACKAGE DIMENSION
C
1994 FUJITSU LIMITED F48026S-1C-1
Details of "A" part
17.20±0.40
0.30±0.06
(.012±.002)
0.16(.006) M
13.60±0.40
8.80
(.535±.016)
(.346)
REF
0.15(.006)
INDEX
Details of "B" part
12
1
25
36
37
24
13
48
0.80(.0315)TYP
LEAD No.
(.677±.016)
SQ
SQ
"A"
0.15(.006)
0.20(.008)
0.50(.020)MAX
0.15(.006)MAX
0~10°
1.80±0.30
(.071±.012)
"B"
(STAND OFF)
0.05(.002)MIN
.472 –.004
+.012
–0.10
+0.30
12.00
.006 –.0004
+.002
–0.01
+0.05
0.15
2.70(.106)MAX
(Mounting height)
Dimensions in mm (inches)
(FPT-48P-M16)
48-pin Plastic QFP
C
1994 FUJITSU LIMITED M48001SC-4-2
14.82±0.35
(.583±.014)
15.00±0.25
(.591±.010)
17.20(.677)TYP
PIN No.1 INDEX
.430 –0
+.005
–0.0
+0.13
10.92
1.02±0.13
(.040±.005)
7.14(.281) 8.71(.343)
TYP
TYP
0.30(.012)TYP
4.50(.177)TYP
PAD No.1 INDEX
0.15±0.05
(.006±.002)
8.50(.335)MAX
0.60(.024)TYP
1.10
+0.45
–0.25
+.018
–.010
.043
0.40±0.08
(.016±.003)
0.80±0.22
(.0315±.0087)
8.80(.346)REF
1.00(.040)TYP
1.50(.059)TYP
PIN No.1 INDEX
Dimensions in mm (inches)
(MQP-48C-P01)
48-pin Ceramic MQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com