Electronic Components Datasheet Search
  English  ▼

X  

K3306 Datasheet(PDF) 5 Page - NEC

Part # K3306
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K3306 Datasheet(HTML) 5 Page - NEC

  K3306 Datasheet HTML 1Page - NEC K3306 Datasheet HTML 2Page - NEC K3306 Datasheet HTML 3Page - NEC K3306 Datasheet HTML 4Page - NEC K3306 Datasheet HTML 5Page - NEC K3306 Datasheet HTML 6Page - NEC K3306 Datasheet HTML 7Page - NEC K3306 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D14004EJ2V0DS00
5
2SK3306
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
3.0
2.0
1.0
0.0
–50
0
50
100
150
VGS = 10 V
Tch - Channel Temperature - ˚C
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
10
1
0.5
0.1
1.5
VSD - Source to Drain Voltage - V
SWITCHING CHARACTERISTICS
100
10
1
0.1
100
ID - Drain Current - A
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
0
0.1
10
100
ID - Drain Current - A
4
28
10
612
14
400
500
600
700
800
300
200
100
VDS
VGS
ID = 5.0 A
Qg - Gate Charge - nC
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
14
12
10
8
6
4
2
Pulsed
di/dt = 100 A/
µs
VGS = 0 V
VDD = 150 V
VGS = 10 V
RG = 10
Ω
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
1 000
10
100
1
100
1000
VDS - Drain to Source Voltage - V
VGS = 0 V
f = 1.0 MHz
tf
td(off)
td(on)
ID = 2.5 A
1.0
0.0
0.01
100
10
10000
Ciss
1
200
1000
1200
1400
1600
1800
2000
800
600
110
0.1
ID = 5.0 A
VGS = 0 V
VGS = 10 V
0.1
1
400
Coss
tr
VDD = 400 V
250 V
125 V
Crss



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com