Electronic Components Datasheet Search
  English  ▼

X  

K3306 Datasheet(PDF) 1 Page - NEC

Part # K3306
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K3306 Datasheet(HTML) 1 Page - NEC

  K3306 Datasheet HTML 1Page - NEC K3306 Datasheet HTML 2Page - NEC K3306 Datasheet HTML 3Page - NEC K3306 Datasheet HTML 4Page - NEC K3306 Datasheet HTML 5Page - NEC K3306 Datasheet HTML 6Page - NEC K3306 Datasheet HTML 7Page - NEC K3306 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1999
MOS FIELD EFFECT TRANSISTOR
2SK3306
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
DATA SHEET
Document No.
D14004EJ2V0DS00 (2nd edition)
Date Published
January 2000 NS CP(K)
Printed in Japan
The mark 5
5
5
5 shows major revised points.
DESCRIPTION
The 2SK3306 is N-Channel DMOS FET device that features
a low gate charge and excellent switching characteristics, and
designed for high voltage applications such as switching power
supply, AC adapter.
FEATURES
• Low gate charge :
QG = 13 nC TYP. (VDD = 400 V, VGS = 10 V, ID = 5.0 A)
• Gate voltage rating : ±30 V
• Low on-state resistance :
RDS(on) = 1.5
Ω MAX. (VGS = 10 V, ID = 2.5 A)
• Avalanche capability ratings
• Isolated TO-220(MP-45F) package
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
500
V
Gate to Source Voltage (VDS = 0 V)
VGSS(AC)
±30
V
Drain Current (DC)
ID(DC)
±5A
Drain Current (pulse)
Note1
ID(pulse)
±20
A
Total Power Dissipation (TC = 25°C)
PT
35
W
Total Power Dissipation (TA = 25°C)
PT
2.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note2
IAS
5.0
A
Single Avalanche Energy
Note2
EAS
125
mJ
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1 %
2. Starting Tch = 25 °C, VDD = 150 V, RG = 25
Ω, VGS = 20 V → 0 V
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3306
Isolated TO-220 (MP-45F)
(Isolated TO-220)
5
5
5
5


Similar Part No. - K3306

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
K330 KNOX-K330 Datasheet
34Kb / 1P
LOW LEVEL ZENER DIODES VERY LOW VOLTAGE, LOW LEAKAGE
logo
Sensata Technologies, I...
K330 SENSATA-K330 Datasheet
538Kb / 3P
PLATFORM CONTROL SYSTEM FOR SLAB SCISSOR LIFT
Rev:04/17/24
logo
List of Unclassifed Man...
K330GRA ETC-K330GRA Datasheet
9Mb / 19P
Logic Plus™
logo
Vishay Siliconix
K330J10C0GH5TL2 VISHAY-K330J10C0GH5TL2 Datasheet
146Kb / 8P
Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
23-Apr-2021
K330J15C0GF5.H5 VISHAY-K330J15C0GF5.H5 Datasheet
368Kb / 13P
Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
18-Jan-06
More results

Similar Description - K3306

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2511 NEC-2SK2511 Datasheet
116Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP80N055 NEC-NP80N055 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
2SK1294 RENESAS-2SK1294 Datasheet
379Kb / 9P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
July 1993
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com