Electronic Components Datasheet Search
  English  ▼

X  

K3306 Datasheet(PDF) 6 Page - NEC

Part # K3306
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K3306 Datasheet(HTML) 6 Page - NEC

  K3306 Datasheet HTML 1Page - NEC K3306 Datasheet HTML 2Page - NEC K3306 Datasheet HTML 3Page - NEC K3306 Datasheet HTML 4Page - NEC K3306 Datasheet HTML 5Page - NEC K3306 Datasheet HTML 6Page - NEC K3306 Datasheet HTML 7Page - NEC K3306 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet D14004EJ2V0DS00
6
2SK3306
SINGLE AVALANCHE CURRENT vs
INDUCTIVE LOAD
100
10
1
1.00E–04
1.00E–03
1.00E–02
1.00E–01
SINGLE AVALANCHE ENERGY vs
STARTING CHANNEL TEMPERATURE
150
100
125
75
25
50
25
50
75
100
125
ID(peak) = IAS
RG = 25
Ω
VGS = 20 V
→ 0 V
VDD = 150 V
IAS = 5.0 A
E
AS = 125
mJ
150
175
EAS = 125 mJ
RG = 25
Ω
VDD = 150 V
VGS = 20 V
→ 0 V
Starting Tch = 25 ˚C
L - Inductive Load - H
Starting Tch - Starting Channel Temperature - ˚C
0
0.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com