Electronic Components Datasheet Search
  English  ▼

X  

MB90583C Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB90583C
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583C Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB90583C Datasheet HTML 5Page - fujitsu semiconductor MB90583C Datasheet HTML 6Page - fujitsu semiconductor MB90583C Datasheet HTML 7Page - fujitsu semiconductor MB90583C Datasheet HTML 8Page - fujitsu semiconductor MB90583C Datasheet HTML 9Page - fujitsu semiconductor MB90583C Datasheet HTML 10Page - fujitsu semiconductor MB90583C Datasheet HTML 11Page - fujitsu semiconductor MB90583C Datasheet HTML 12Page - fujitsu semiconductor MB90583C Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 124 page
background image
MB90580C Series
9
s
s
s
s PIN DESCRIPTION
*1: FPT-100P-M06
*2: FPT-100P-M05
(Continued)
Pin no.
Pin name
Circuit
type
Function
QFP*1
LQFP*2
82
80
X0
A
Oscillator pin
83
81
X1
A
Oscillator pin
52
50
HST
C
Hardware standby input pin
77
75
RST
B
Reset input pin
85 to 92 83 to 90
P00 to
P07
D
(CMOS/H)
General-purpose I/O ports.
A pull-up resistor can be assigned (RD07 to RD00=“1”) by the pull-
up resistor setting register (RDR0). [These pins are disabled with
the output setting (DDR0 register: D07 to D00=“1”).]
AD00 to
AD07
In external bus mode, the pins function as the lower data I/O or low-
er address outputs (AD00 to AD07).
93 to
100
91 to 98
P10 to
P17
D
(CMOS/H)
General-purpose I/O ports.
A pull-up resistor can be assigned (RD17 to RD10=“1”) by the pull-
up resistor setting register (RDR1). [These pins are disabled with
the output setting (DDR1 register: D17 to D10 =“1”).]
AD08 to
AD15
In 16-bit external bus mode, the pins function as the upper data
I/O or middle address outputs (AD08 to AD15).
1 to 8
99,100,
1 to 6
P20 to
P27
F
(CMOS/H)
General-purpose I/O ports
In external bus mode, pins for which the corresponding bit in the
HACR register is “1” function as the A16 to A23 pins.
A16 to
A23
In external bus mode, pins for which the corresponding bit in the
HACR register is “1” function as the upper address output pins
(A16 to A23).
97
P30
F
(CMOS/H)
General-purpose I/O port
Functions as the ALE pin in external bus mode.
ALE
Functions as the address latch enable signal pin (ALE) in external
bus mode.
10
8
P31
F
(CMOS/H)
General-purpose I/O port
Functions as the RD pin in external bus mode.
RD
Functions as the read strobe output pin (RD) in external bus mode.
12
10
P32
F
(CMOS/H)
General-purpose I/O port
Functions as the WRL pin in external bus mode if the WRE bit is
“1”.
WRL
Functions as the lower data write strobe output pin (WRL) in
external bus mode.
13
11
P33
F
(CMOS/H)
General-purpose I/O port
Functions as the WRH pin in 16-bit external bus mode if the WRE
bit in the EPCR register is “1”
WRH
Functions as the upper data write strobe output pin (WRH) in
external bus mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com