Electronic Components Datasheet Search
  English  ▼

X  

MB90583C Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB90583C
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583C Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB90583C Datasheet HTML 1Page - fujitsu semiconductor MB90583C Datasheet HTML 2Page - fujitsu semiconductor MB90583C Datasheet HTML 3Page - fujitsu semiconductor MB90583C Datasheet HTML 4Page - fujitsu semiconductor MB90583C Datasheet HTML 5Page - fujitsu semiconductor MB90583C Datasheet HTML 6Page - fujitsu semiconductor MB90583C Datasheet HTML 7Page - fujitsu semiconductor MB90583C Datasheet HTML 8Page - fujitsu semiconductor MB90583C Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 124 page
background image
DS07-13710-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
16-bit Proprietary Microcontroller
CMOS
F2MC-16LX MB90580C Series
MB90583C/583CA/F583C/F583CA/587C/587CA/V580B
s
s
s
s DESCRIPTION
The MB90580C series is a line of general-purpose, Fujitsu 16-bit microcontrollers designed for process control
applications which require high-speed real-time processing, such as consumer products.
While inheriting the AT architecture of the F2MC*1 family, the instruction set for the F2MC-16LX CPU core of the
MB90580C series incorporates additional instructions for high-level languages, supports extended addressing
modes, and contains enhanced multiplication and division instructions as well as a substantial collection of
improved bit manipulation instructions. In addition, the MB90580C has an on-chip 32-bit accumulator which
enables processing of long-word data.
The peripheral resources integrated in the MB90580C series include: an 8/10-bit A/D converter, an 8-bit D/A
converter, UARTs (SCI) 0 to 4, an 8/16-bit PPG timer, 16-bit I/O timers (16-bit free-run timer, input capture units
(ICUs) 0 to 3, output compare units (OCUs) 0 and 1), and an IEBusTM controller *2.
Notes: *1: F2MC stands for FUJITSU Flexible Microcontroller, a registered trademark of FUJITSU LIMITED.
*2: IEBusTM is a trademark of NEC Corporation.
s
s
s
s FEATURES
• Minimum execution time: 62.5 ns/4 MHz oscillation (Uses PLL clock multiplication) maximum multiplier = 4
• Maximum memory space
16 Mbyte
Linear/bank access
(Continued)
s
s
s
s PACKAGES
100-pin plastic LQFP
100-pin plastic QFP
(FPT-100P-M05)
(FPT-100P-M06)


Similar Part No. - MB90583C

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90583C FUJITSU-MB90583C Datasheet
1Mb / 110P
16-bit Proprietary Microcontroller
MB90583C FUJITSU-MB90583C Datasheet
614Kb / 112P
16-bit Proprietary Microcontroller
MB90583CA FUJITSU-MB90583CA Datasheet
1Mb / 110P
16-bit Proprietary Microcontroller
MB90583CA FUJITSU-MB90583CA Datasheet
614Kb / 112P
16-bit Proprietary Microcontroller
MB90583CAPF FUJITSU-MB90583CAPF Datasheet
1Mb / 110P
16-bit Proprietary Microcontroller
More results

Similar Description - MB90583C

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
16-bit Proprietary Microcontroller
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
16-bit Proprietary Microcontroller
MB90F378 FUJITSU-MB90F378 Datasheet
480Kb / 65P
16-BIT PROPRIETARY MICROCONTROLLER
MB90980 FUJITSU-MB90980 Datasheet
583Kb / 48P
16-bit Proprietary Microcontroller
MB90880 FUJITSU-MB90880 Datasheet
1Mb / 75P
16-Bit Proprietary Microcontroller
MB90860E FUJITSU-MB90860E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com