Electronic Components Datasheet Search
  English  ▼

X  

MB90583C Datasheet(PDF) 95 Page - fujitsu semiconductor

Part # MB90583C
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583C Datasheet(HTML) 95 Page - fujitsu semiconductor

Back Button MB90583C Datasheet HTML 91Page - fujitsu semiconductor MB90583C Datasheet HTML 92Page - fujitsu semiconductor MB90583C Datasheet HTML 93Page - fujitsu semiconductor MB90583C Datasheet HTML 94Page - fujitsu semiconductor MB90583C Datasheet HTML 95Page - fujitsu semiconductor MB90583C Datasheet HTML 96Page - fujitsu semiconductor MB90583C Datasheet HTML 97Page - fujitsu semiconductor MB90583C Datasheet HTML 98Page - fujitsu semiconductor MB90583C Datasheet HTML 99Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 124 page
background image
MB90580C Series
95
5.
A/D Converter Electrical Characteristics
(3.0 V
≤ AVRH − AVRL, VCC = AVCC = 5.0 V±10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
* : The current when the A/D converter is not operating or the CPU is in stop mode (for VCC = AVCC = AVRH = 5.0 V)
Note:
• The error increases proportionally as |AVRH - AVRL| decreases.
•The output impedance of the external circuits connected to the analog inputs should be in the following
range.
•The output impedance of the external circuit : 15.5 kΩ (Max.) (Sampling time = 4.0 µs)
•If the output impedance of the external circuit is too high, the sampling time might be insufficient.
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min.
Typ.
Max.
Resolution

10
bit
Total error

±5.0
LSB
Non-linear error

±2.5
LSB
Differential linearity error

±1.9
LSB
Zero transition voltage
VOT
AN0 to
AN7
AVSS
− 3.5
+0.5
AVSS
+ 4.5
mV
Full-scale transition voltage
VFST
AN0 to
AN7
AVRH
− 6.5 AVRH − 1.5 AVRH + 1.5
mV
Conversion time

176 tCP
ns
Sampling period

64 tCP
ns
Analog port input current
IAIN
AN0 to
AN7

10
µA
Analog input voltage
VAIN
AN0 to
AN7
AVRL
AVRH
V
Reference voltage
AVRH
AVRL
+ 2.7
AVCC
V
AVRL
0
AVRH
− 2.7
V
Power supply current
IA
AVCC
5
mA
IAH
AVCC

5
µA*
Reference voltage supply
current
IR
AVRH
400
µA
IRH
AVRH

5
µA*
Offset between channels
—
AN0 to
AN7

4LSB
C0
C1
Analog input
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com