Electronic Components Datasheet Search
  English  ▼

X  

MB90583C Datasheet(PDF) 97 Page - fujitsu semiconductor

Part # MB90583C
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583C Datasheet(HTML) 97 Page - fujitsu semiconductor

Back Button MB90583C Datasheet HTML 93Page - fujitsu semiconductor MB90583C Datasheet HTML 94Page - fujitsu semiconductor MB90583C Datasheet HTML 95Page - fujitsu semiconductor MB90583C Datasheet HTML 96Page - fujitsu semiconductor MB90583C Datasheet HTML 97Page - fujitsu semiconductor MB90583C Datasheet HTML 98Page - fujitsu semiconductor MB90583C Datasheet HTML 99Page - fujitsu semiconductor MB90583C Datasheet HTML 100Page - fujitsu semiconductor MB90583C Datasheet HTML 101Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 124 page
background image
MB90580C Series
97
(Continued)
3FF
3FE
3FD
004
003
002
001
AVRL
AVRH
AVRL
AVRH
N
+ 1
N
N
− 1
N
− 2
VNT
VNT
V(N
+ 1)T
VOT
VFST
{1 LSB
× (N − 1)
+ VOT }
Linearity error
Theoretical
characteristics
(Measured value)
Differential linearity error
(Measured value)
(Measured value)
Linearity error of
digital output N
VNT
− {1 LSB × (N − 1) + VOT}
1 LSB
[LSB]
=
Differential linearity error
of digital output N
V (N
+ 1) T − VNT
1 LSB
− 1 LSB[LSB]
=
VFST
− VOT
1022
[V]
1 LSB
=
VOT : Voltage at transition of digital output from “000H” to “001H”
VFST : Voltage at transition of digital output from “3FEH” to “3FFH”
Actual conversion
value
Actual conversion
value
Actual conversion
value
Actual conversion
value
Theoretical
characteristics
(measured value)
(Measured
value)
Analog input
Analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com