Electronic Components Datasheet Search
  English  ▼

X  

TLV3202 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3202
Description  40-ns, microPOWER, Push-Pull Output Comparators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3202 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV3202 Datasheet HTML 2Page - Texas Instruments TLV3202 Datasheet HTML 3Page - Texas Instruments TLV3202 Datasheet HTML 4Page - Texas Instruments TLV3202 Datasheet HTML 5Page - Texas Instruments TLV3202 Datasheet HTML 6Page - Texas Instruments TLV3202 Datasheet HTML 7Page - Texas Instruments TLV3202 Datasheet HTML 8Page - Texas Instruments TLV3202 Datasheet HTML 9Page - Texas Instruments TLV3202 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
−4
−3
−2
−1
0
1
2
3
4
5
6
−0.5 0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Common−Mode Voltage (V)
5 Typical Units Shown
VCC = 5.5 V
G004
−5
−4
−3
−2
−1
0
1
2
3
4
5
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
8 Typical Units Shown
G005
−5
−4
−3
−2
−1
0
1
2
3
4
5
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
5 Typical Units Shown
G002
−4
−3
−2
−1
0
1
2
3
4
5
6
−0.5
0
0.5
1
1.5
2
2.5
3
Common−Mode Voltage (V)
5 Typical Units Shown
VCC = 2.7 V
G003
0
2
4
6
8
10
12
14
16
18
20
22
24
26
Offset Voltage (mV)
G000
0
3
6
9
12
15
18
21
24
27
30
Hysteresis (mV)
G001
TLV3201
TLV3202
SBOS561A – MARCH 2012 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VCC = +5 V, and input overdrive (VOD) = 20 mV, unless otherwise noted.
OFFSET VOLTAGE DISTRIBUTION
HYSTERESIS DISTRIBUTION
Figure 1.
Figure 2.
OFFSET VOLTAGE vs TEMPERATURE
OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
Figure 3.
Figure 4.
OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
OFFSET VOLTAGE vs POWER SUPPLY
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TLV3201 TLV3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com