Electronic Components Datasheet Search
  English  ▼

X  

TLV3202 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3202
Description  40-ns, microPOWER, Push-Pull Output Comparators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3202 Datasheet(HTML) 1 Page - Texas Instruments

  TLV3202 Datasheet HTML 1Page - Texas Instruments TLV3202 Datasheet HTML 2Page - Texas Instruments TLV3202 Datasheet HTML 3Page - Texas Instruments TLV3202 Datasheet HTML 4Page - Texas Instruments TLV3202 Datasheet HTML 5Page - Texas Instruments TLV3202 Datasheet HTML 6Page - Texas Instruments TLV3202 Datasheet HTML 7Page - Texas Instruments TLV3202 Datasheet HTML 8Page - Texas Instruments TLV3202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
2
3
4
8
7
6
5
V
CC
2OUT
2IN
-
2IN+
1OUT
1IN
-
1IN+
GND
D AND DGK PACKAGES
SOIC-8 AND MSOP-8
(TOP VIEW)
DCK AND DBV PACKAGES
SC70-5 AND SOT23-5
(TOP VIEW)
V
CC
IN
-
OUT
GND
IN+
1
2
3
5
4
TLV3201
TLV3202
www.ti.com
SBOS561A – MARCH 2012 – REVISED JUNE 2012
40-ns, microPOWER, Push-Pull Output Comparators
Check for Samples: TLV3201, TLV3202
1
FEATURES
DESCRIPTION
The TLV3201 and TLV3202 are single- and dual-
2
•
Low Propagation Delay: 40 ns
channel
comparators
that
offer
the
ultimate
•
Low Quiescent Current:
combination of high-speed (40 ns) and low-power
40 µA per Channel
consumption (40 µA), all in extremely small packages
•
Input Common-Mode Range Extends 200 mV
with features such as rail-to-rail inputs, low offset
voltage (1 mV), and large output drive current. The
Beyond Either Rail
devices are also very easy to implement in a wide
•
Low Input Offset Voltage: 1 mV
variety of applications where response time is critical.
•
Push-Pull Outputs
The TLV320x family is available in single (TLV3201)
•
Supply Range: +2.7 V to +5.5 V
and dual (TLV3202) channel versions, both with
•
Industrial Temperature Range:
push-pull outputs. The TLV3201 is available in
–40°C to +125°C
SOT23-5 and SC70-5 packages. The TLV3202 is
available in SOIC-8 and MSOP-8 packages. All
•
Small Packages:
devices are specified for operation across the
SC70-5, SOT23-5, SOIC-8, MSOP-8
expanded industrial temperature range of –40°C to
+125°C.
APPLICATIONS
•
Inspection Equipment
RELATED PRODUCTS
•
Test and Measurement
DEVICE
DESCRIPTION
5-µA (max) open-drain, 1.8-V to 5.5-V with
•
High-Speed Sampling Systems
TLV3011
integrated voltage reference in 1.5-mm × 1.5-mm
•
Telecom
micro-sized packages
•
Portable Communications
5-µA (max) push-pull, 1.8-V to 5.5-V with integrated
TLV3012
voltage reference in micro-sized packages
4.5-ns, rail-to-rail, push-pull comparator in micro-
TLV3501
sized packages
75-ns, 65-µA, 2.7-V to 5.5-V, rail-to-rail input
LMV7235
comparator with open-drain output
30-ppm/°C drift, 3.9-µA, SOT23-3, SC70-3 voltage
REF3333
reference
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2012, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV3202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3202 TI1-TLV3202 Datasheet
1Mb / 26P
40-ns, microPOWER, Push-Pull Output Comparators
TLV3202 TI1-TLV3202 Datasheet
3Mb / 24P
0.9-V to 6.5-V, Nanopower Comparator
TLV3202 TI1-TLV3202 Datasheet
1Mb / 18P
2.2-V to 36-V, microPower Comparator
TLV3202 TI1-TLV3202 Datasheet
1Mb / 30P
40-ns, Micropower, Push-Pull Output Automotive Comparators
TLV3202 TI2-TLV3202 Datasheet
1Mb / 40P
TLV320x 40ns, microPOWER, Push-Pull Output Comparators
REVISED MAY 2024
More results

Similar Description - TLV3202

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
Push-Pull Output Sub-Microamp Comparators
2011
logo
Texas Instruments
TLV3201 TI1-TLV3201_12 Datasheet
1Mb / 26P
40-ns, microPOWER, Push-Pull Output Comparators
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
08/29/06
logo
Texas Instruments
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
40-ns, microPOWER, Push-Pull Output Comparators
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3201-Q1 TI1-TLV3201-Q1 Datasheet
1Mb / 30P
40-ns, Micropower, Push-Pull Output Automotive Comparators
logo
Microchip Technology
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
Push-Pull Output Sub-Microamp Comparators
07/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com