Electronic Components Datasheet Search
  English  ▼

X  

TLV3202 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3202
Description  40-ns, microPOWER, Push-Pull Output Comparators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3202 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV3202 Datasheet HTML 6Page - Texas Instruments TLV3202 Datasheet HTML 7Page - Texas Instruments TLV3202 Datasheet HTML 8Page - Texas Instruments TLV3202 Datasheet HTML 9Page - Texas Instruments TLV3202 Datasheet HTML 10Page - Texas Instruments TLV3202 Datasheet HTML 11Page - Texas Instruments TLV3202 Datasheet HTML 12Page - Texas Instruments TLV3202 Datasheet HTML 13Page - Texas Instruments TLV3202 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Core
-In
+In
Clamp
1 kW
1 kW
−5
−4
−3
−2
−1
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
Output Voltage
Input Voltage
G000
TLV3201
TLV3202
SBOS561A – MARCH 2012 – REVISED JUNE 2012
www.ti.com
APPLICATION INFORMATION
The TLV3201 and TLV3202 are single- and dual-supply (respectively), push-pull comparators featuring 40 ns of
propagation delay on only 40 µA of supply current. This combination of fast response time and minimal power
consumption make the TLV3201 and TLV3202 excellent comparators for portable, battery-powered applications
as well as fast-switching threshold detection such as pulse-width modulation (PWM) output monitors and zero-
cross detection.
COMPARATOR INPUTS
The TLV3201 and TLV3202 are rail-to-rail input comparators, with an input common-mode range that exceeds
the supply rails by 200 mV for both positive and negative supplies. The devices are specified from 2.7 V to 5.5 V,
with room temperature operation from 2.5 V to 5.5 V. The TLV3201 and TLV3202 are designed to prevent phase
inversion when the input pins exceed the supply voltage. Figure 25 shows the TLV320x response when input
voltages exceed the supply, resulting in no phase inversion.
Figure 25. No Phase Inversion: Comparator Response to Input Voltage (Prop Delay Included)
The electrostatic discharge (ESD) protection input structure of two back-to-back diodes and 1-k
Ω series resistors
are used to limit the differential input voltage applied to the precision input of the comparator by clamping input
voltages that exceed VCC beyond the specified operating conditions. If potential overvoltage conditions that
exceed absolute maximum ratings are present, the addition of external bypass diodes and resistors is
recommended, as shown in Figure 26. Large differential voltages greater than the supply voltage should be
avoided to prevent damage to the input stage.
Figure 26. TLV3201 equivalent input structure
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TLV3201 TLV3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com