Electronic Components Datasheet Search
  English  ▼

X  

TLV3202 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3202
Description  40-ns, microPOWER, Push-Pull Output Comparators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3202 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV3202 Datasheet HTML 8Page - Texas Instruments TLV3202 Datasheet HTML 9Page - Texas Instruments TLV3202 Datasheet HTML 10Page - Texas Instruments TLV3202 Datasheet HTML 11Page - Texas Instruments TLV3202 Datasheet HTML 12Page - Texas Instruments TLV3202 Datasheet HTML 13Page - Texas Instruments TLV3202 Datasheet HTML 14Page - Texas Instruments TLV3202 Datasheet HTML 15Page - Texas Instruments TLV3202 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
+V
+5 V
CC
R
100 k
LOAD
W
V
O
R3
1 MW
R2
1 MW
R1
1 MW
V
IN
V
A
5 V
0 V
1.67 V
3.33 V
V
A2
V
A1
V
IN
V
O High
+V
CC
V
O Low
+V
CC
V
A1
R1
R2
R3
V
A2
R1
R2
R3
D
-
V = V
V
A
A1
A2
V
= V
A2
CC
´
R2 || R3
R1 + (R2 || R3)
V
= V
A1
CC
´
R2
(R1 || R3) + R2
TLV3201
TLV3202
SBOS561A – MARCH 2012 – REVISED JUNE 2012
www.ti.com
Inverting Comparator With Hysteresis
The inverting comparator with hysteresis requires a three-resistor network that is referenced to the comparator
supply voltage (VCC), as shown in Figure 28. When VIN at the inverting input is less than VA, the output voltage is
high (for simplicity assume VO switches as high as VCC). The three network resistors can be represented as R1 ||
R3 in series with R2. The lower input trip voltage (VA1) is defined by Equation 1:
(1)
When VIN is greater than [VA × (VIN > VA)], the output voltage is low, very close to ground. In this case, the three
network resistors can be presented as R2 || R3 in series with R1. The upper trip voltage (VA2) is defined by
Equation 2:
(2)
The total hysteresis provided by the network is defined by Equation 3:
(3)
Figure 28. TLV3201 in Inverting Configuration with Hysteresis
12
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TLV3201 TLV3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com