Electronic Components Datasheet Search
  English  ▼

X  

ADS1602IPFBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1602IPFBT
Description  16-Bit, 2.5MSPS Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1602IPFBT Datasheet(HTML) 1 Page - Texas Instruments

  ADS1602IPFBT Datasheet HTML 1Page - Texas Instruments ADS1602IPFBT Datasheet HTML 2Page - Texas Instruments ADS1602IPFBT Datasheet HTML 3Page - Texas Instruments ADS1602IPFBT Datasheet HTML 4Page - Texas Instruments ADS1602IPFBT Datasheet HTML 5Page - Texas Instruments ADS1602IPFBT Datasheet HTML 6Page - Texas Instruments ADS1602IPFBT Datasheet HTML 7Page - Texas Instruments ADS1602IPFBT Datasheet HTML 8Page - Texas Instruments ADS1602IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
FSO
ReferenceandBiasCircuits
Serial
Interface
LinearPhase
FIRDigitalFilter
DS
Modulator
VREFP VREFN
RBIAS
VMID
VCAP
AVDD
DVDD
IOVDD
DGND
AGND
AINP
AINN
FSO
SCLK
DOUT
SCLK
SYNC
CLK
DOUT
OTR
PD
REFEN
ADS1602
ADS1602
www.ti.com
SBAS341E
– DECEMBER 2004 – REVISED OCTOBER 2011
16-Bit, 2.5MSPS Analog-to-Digital Converter
Check for Samples: ADS1602
1
FEATURES
DESCRIPTION
The
ADS1602
is
a
high-speed,
high-precision,
2
•
High Speed:
delta-sigma (
ΔΣ) analog-to-digital converter (ADC)
– Data Rate: 2.5MSPS
manufactured on an advanced CMOS process. The
– Bandwidth: 1.23MHz
ADS1602 oversampling topology reduces clock jitter
sensitivity during the sampling of high-frequency,
•
Outstanding Performance:
large amplitude signals by a factor of four over that
– SNR: 91dB at fIN = 100kHz, –1dBFS
achieved
by
Nyquist-rate
ADCs.
Consequently,
– THD: –101dB at fIN = 100kHz, –6dBFS
signal-to-noise ratio (SNR) is particularly improved.
Total harmonic distortion (THD) is
–101dB, and the
– SFDR: 103dB at fIN = 100kHz, –6dBFS
spurious-free dynamic range (SFDR) is 103dB.
•
Ease-of-Use:
Optimized for power and performance, the ADS1602
– High-Speed 3-Wire Serial Interface
dissipates only 530mW while providing a full-scale
– Directly Connects to TMS320 DSPs
differential input range of
±3V. Having such a wide
– On-Chip Digital Filter Simplifies Antialias
input range makes out-of-range signals unlikely. The
Requirements
OTR pin indicates if an analog input out-of-range
condition does occur. The differential input signal is
– Simple Pin-Driven Control—No On-Chip
measured against the differential reference, which
Registers to Program
can be generated internally or supplied externally on
– Selectable On-Chip Voltage Reference
the ADS1602.
– Simultaneous Sampling with Multiple
The ADS1602 uses an inherently stable advanced
ADS1602s
modulator with an on-chip decimation filter. The filter
•
Low Power:
stop
band
extends
to
38.6MHz,
which
greatly
simplifies the antialiasing circuitry. The modulator
– 530mW at 2.5MSPS
samples the input signal up to 40MSPS, depending
– Power-Down Mode
on fCLK, while the 16x decimation filter uses a series
of four half-band FIR filter stages to provide 75dB of
APPLICATIONS
stop band attenuation and 0.001dB of passband
ripple.
•
Sonar
•
Vibration Analysis
Output data is provided over a simple 3-wire serial
interface at rates up to 2.5MSPS, with a
–3dB
•
Data Acquisition
bandwidth of 1.23MHz. The output data or its
complementary format directly connects to DSPs
such as TI
’s TMS320 family, FPGAs, or ASICs. A
dedicated synchronization pin enables simultaneous
sampling with multiple ADS1602s in multi-channel
systems. Power dissipation is set by an external
resistor that allows a reduction in dissipation when
operating at slower speeds. All of the ADS1602
features are controlled by dedicated I/O pins, which
simplify operation by eliminating the need for on-chip
registers.
The
high
performing,
easy-to-use
ADS1602
is
especially
suitable
for
demanding
measurement
applications in sonar, vibration analysis, and data
acquisition. The ADS1602 is offered in a small, 7mm
×
7mm
TQFP-48
package
and
is
specified
from
–40°C to +85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2004–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS1602IPFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1602IPFBT BURR-BROWN-ADS1602IPFBT Datasheet
397Kb / 26P
16-Bit, 2.5MSPS Analog-to-Digital Converter
logo
Texas Instruments
ADS1602IPFBT TI2-ADS1602IPFBT Datasheet
922Kb / 30P
16-Bit, 2.5MSPS Analog-to-Digital Converter
REVISED OCTOBER 2011
ADS1602IPFBT.B TI2-ADS1602IPFBT.B Datasheet
922Kb / 30P
16-Bit, 2.5MSPS Analog-to-Digital Converter
REVISED OCTOBER 2011
logo
Burr-Brown (TI)
ADS1602IPFBTG4 BURR-BROWN-ADS1602IPFBTG4 Datasheet
397Kb / 26P
16-Bit, 2.5MSPS Analog-to-Digital Converter
logo
Texas Instruments
ADS1602IPFBTG4.B TI2-ADS1602IPFBTG4.B Datasheet
922Kb / 30P
16-Bit, 2.5MSPS Analog-to-Digital Converter
REVISED OCTOBER 2011
More results

Similar Description - ADS1602IPFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1602 BURR-BROWN-ADS1602 Datasheet
397Kb / 26P
16-Bit, 2.5MSPS Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
16 Bit Digital to Analog Converter
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com