Electronic Components Datasheet Search
  English  ▼

X  

ADS1602IPFBT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1602IPFBT
Description  16-Bit, 2.5MSPS Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1602IPFBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1602IPFBT Datasheet HTML 6Page - Texas Instruments ADS1602IPFBT Datasheet HTML 7Page - Texas Instruments ADS1602IPFBT Datasheet HTML 8Page - Texas Instruments ADS1602IPFBT Datasheet HTML 9Page - Texas Instruments ADS1602IPFBT Datasheet HTML 10Page - Texas Instruments ADS1602IPFBT Datasheet HTML 11Page - Texas Instruments ADS1602IPFBT Datasheet HTML 12Page - Texas Instruments ADS1602IPFBT Datasheet HTML 13Page - Texas Instruments ADS1602IPFBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
0
0
-20
-40
-60
-80
-100
-120
-140
-160
200
400
600
Frequency(kHz)
800
1000
1200
f
IN =504kHz, -1dBFS
SNR=91dB
THD= 119dB
SFDR=119dB
-
0
0
-20
-40
-60
-80
-100
-120
-140
-160
200
400
600
Frequency(kHz)
800
1000
1200
f
IN =504kHz, -6dBFS
SNR=86dB
THD= 103dB
SFDR=103dB
-
0
0
-20
-40
-60
-80
-100
-120
-140
-160
200
400
600
Frequency(kHz)
800
1000
1200
f
IN =504kHz, -10dBFS
SNR=82dB
THD= 96dB
SFDR=96dB
-
0
0
-20
-40
-60
-80
-100
-120
-140
-160
200
400
600
Frequency(kHz)
800
1000
1200
f
=799kHz,
IN
-1dBFS
SNR=91dB
THD= 116dB
SFDR=120dB
-
0
0
-20
-40
-60
-80
-100
-120
-140
-160
200
400
600
Frequency(kHz)
800
1000
1200
f
=799kHz,
IN
-6dBFS
SNR=86dB
THD= 110dB
SFDR=114dB
-
0
0
-20
-40
-60
-80
-100
-120
-140
-160
200
400
600
Frequency(kHz)
800
1000
1200
f
IN =799kHz, -10dBFS
SNR=82dB
THD= 107dB
SFDR=112dB
-
ADS1602
SBAS341E
– DECEMBER 2004 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, VCM = +1.45V, and
RBIAS = 37kΩ, unless otherwise noted.
SPECTRAL RESPONSE
SPECTRAL RESPONSE
Figure 9.
Figure 10.
SPECTRAL RESPONSE
SPECTRAL RESPONSE
Figure 11.
Figure 12.
SPECTRAL RESPONSE
SPECTRAL RESPONSE
Figure 13.
Figure 14.
10
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com