Electronic Components Datasheet Search
  English  ▼

X  

ADS1602IPFBT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1602IPFBT
Description  16-Bit, 2.5MSPS Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1602IPFBT Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1602IPFBT Datasheet HTML 8Page - Texas Instruments ADS1602IPFBT Datasheet HTML 9Page - Texas Instruments ADS1602IPFBT Datasheet HTML 10Page - Texas Instruments ADS1602IPFBT Datasheet HTML 11Page - Texas Instruments ADS1602IPFBT Datasheet HTML 12Page - Texas Instruments ADS1602IPFBT Datasheet HTML 13Page - Texas Instruments ADS1602IPFBT Datasheet HTML 14Page - Texas Instruments ADS1602IPFBT Datasheet HTML 15Page - Texas Instruments ADS1602IPFBT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
-80
-85
-90
-95
-100
-105
-110
-115
-120
10k
100k
1M
InputFrequency,f
(Hz)
IN
V
= 1dB
-
IN
V
= 6dB
-
IN
V
= 10dB
-
IN
InputFrequency,f
(Hz)
IN
130
120
110
100
90
80
70
10k
100k
1M
V
= -10dB
IN
V
= -6dB
IN
V
= -1dB
IN
InputCommon-ModeVoltage,V
(V)
CM
93
92
91
90
89
88
87
86
85
1
1.4
1.8
2.2
2.6
3
3.4
f
=10kHz,V
= -1dB
IN
IN
f
=100kHz,V
= -6dB
IN
IN
f
=100kHz,V
= -1dB
IN
IN
f
=10kHz,V
= -6dB
IN
IN
InputCommon-ModeVoltage,V
(V)
CM
-70
-80
-90
-100
-110
1
1.4
1.8
2.2
2.6
3
3.4
f
=10kHz,V
= -1dB
IN
IN
f
=100kHz,V
= -1dB
IN
IN
f
=10kHz,V
= -6dB
IN
IN
f
=100kHz,V
= -6dB
IN
IN
3
2
1
0
-1
-2
-3
0
100
200
300
400
500
600
700
800
900 1000
TimeInterval(s)
InputCommon-ModeVoltage,V
(V)
CM
1
1.4
1.8
2.2
2.6
3
3.4
110
105
100
95
90
85
80
f
=100kHz,V
= -6dB
IN
IN
f
=100kHz,V
= -1dB
IN
IN
f
=10kHz,V
= -6dB
IN
IN
f
=10kHz
IN
V
= -1dB
IN
ADS1602
SBAS341E
– DECEMBER 2004 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, VCM = +1.45V, and
RBIAS = 37kΩ, unless otherwise noted.
THD vs INPUT FREQUENCY
SFDR vs INPUT FREQUENCY
Figure 21.
Figure 22.
SNR vs INPUT COMMON-MODE VOLTAGE
THD vs INPUT COMMON-MODE VOLTAGE
Figure 23.
Figure 24.
SFDR vs INPUT COMMON-MODE VOLTAGE
OFFSET DRIFT OVER TIME
Figure 25.
Figure 26.
12
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com