Electronic Components Datasheet Search
  English  ▼

X  

ADS1602IPFBT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1602IPFBT
Description  16-Bit, 2.5MSPS Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1602IPFBT Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1602IPFBT Datasheet HTML 9Page - Texas Instruments ADS1602IPFBT Datasheet HTML 10Page - Texas Instruments ADS1602IPFBT Datasheet HTML 11Page - Texas Instruments ADS1602IPFBT Datasheet HTML 12Page - Texas Instruments ADS1602IPFBT Datasheet HTML 13Page - Texas Instruments ADS1602IPFBT Datasheet HTML 14Page - Texas Instruments ADS1602IPFBT Datasheet HTML 15Page - Texas Instruments ADS1602IPFBT Datasheet HTML 16Page - Texas Instruments ADS1602IPFBT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ClockFrequency,f
(MHz)
CLK
110
100
90
80
70
60
50
40
30
20
5
10
15
20
25
30
35
40
45
50
V
= 6dBFS,f
-
=10kHz
IN
IN
R
=267kW
BIAS
R
=210kW
BIAS
R
=140kW
BIAS
R
BIAS
=100kW
R
BIAS
=30kW
R
BIAS
=60kW
R
=37kW
BIAS
ClockFrequency,f
(MHz)
CLK
5
10
15
20
25
30
35
40
45
50
100
90
80
70
60
50
40
30
V
= 6dBFS,f
-
=10kHz
IN
IN
R
=210kW
BIAS
R
=267kW
BIAS
R
BIAS
=140kW
R
BIAS
=100kW
R
BIAS
=60kW
R
=37kW
BIAS
R
=30kW
BIAS
ClockFrequency,f
(MHz)
CLK
110
100
90
80
70
60
50
40
30
20
5
10
15
20
25
30
35
40
45
50
V
= 6dBFS,f
-
=10kHz
IN
IN
R
=267kW
BIAS
R
=210kW
BIAS
R
=140kW
BIAS
R
BIAS
=100kW
R
BIAS
=30kW
R
BIAS
=60kW
R
=37kW
BIAS
1000
100
10
1
0.1
-3
-2
-1
3
0
1
2
InputDCVoltage(V)
1540
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
-4
-3
-2
-1
0
1
2
3
4
OutputCode(LSB)
V
=0
IN
120
100
80
60
40
20
0
-40
-15
10
35
60
85
Temperature(°C)
I
AVDD (
=low)
REFEN
I
AVDD (
=high)
REFEN
R
=37k ,f
W
BIAS
CLK =40MHz
I
+I
DVDD
IOVDD
ADS1602
www.ti.com
SBAS341E
– DECEMBER 2004 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, VCM = +1.45V, and
RBIAS = 37kΩ, unless otherwise noted.
SNR vs CLOCK FREQUENCY
THD vs CLOCK FREQUENCY
Figure 27.
Figure 28.
SFDR vs CLOCK FREQUENCY
NOISE vs DC INPUT VOLTAGE
Figure 29.
Figure 30.
NOISE HISTOGRAM
POWER-SUPPLY CURRENT vs TEMPERATURE
Figure 31.
Figure 32.
Copyright
© 2004–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com