Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA830 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 18Page - Texas Instruments OPA830 Datasheet HTML 19Page - Texas Instruments OPA830 Datasheet HTML 20Page - Texas Instruments OPA830 Datasheet HTML 21Page - Texas Instruments OPA830 Datasheet HTML 22Page - Texas Instruments OPA830 Datasheet HTML 23Page - Texas Instruments OPA830 Datasheet HTML 24Page - Texas Instruments OPA830 Datasheet HTML 25Page - Texas Instruments OPA830 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
APPLICATIONS INFORMATION
WIDEBAND VOLTAGE-FEEDBACK
1/2
OPA2830
V
S = +3V
V
OUT
53.6
Ω
V
IN
2.26k
Ω
1.13k
Ω
R
L
150
Ω
+V
S
3
6.8
µF
+
0.1
µF
0.1
µF
R
F
750
Ω
R
G
750
Ω
+1V
+V
S/3
1/2
OPA2830
V
S = +5V
V
OUT
53.6
Ω
V
IN
1.5k
Ω
+V
S/2
1.5k
Ω
R
L
150
Ω
+V
S
2
6.8
µF
+
0.1
µF
0.1
µF
R
F
750
Ω
R
G
750
Ω
2.5V
OPA2830
SBOS309D – AUGUST 2004 – REVISED AUGUST 2008.................................................................................................................................................. www.ti.com
high frequencies is 150
Ω || 1500Ω. The 1.13kΩ and
2.26k
Ω resistors at the noninverting input provide the
common-mode
bias
voltage.
Their
parallel
OPERATION
combination equals the DC resistance at the inverting
The OPA2830 is a unity-gain stable, very high-speed
input (RF), reducing the DC output offset due to input
voltage-feedback op amp designed for single-supply
bias current.
operation (+3V to +10V). The input stage supports
input voltages below ground and to within 1.7V of the
positive supply. The complementary common-emitter
output stage provides an output swing to within 25mV
of ground and the positive supply. The OPA2830 is
compensated to provide stable operation with a wide
range of resistive loads.
Figure 70 shows the AC-coupled, gain
of
+2
configuration used for the +5V Specifications and
Typical Characteristic Curves. For test purposes, the
input impedance is set to 50
Ω with a resistor to
ground. Voltage swings reported in the Electrical
Characteristics are taken directly at the input and
output pins. For the circuit of Figure 70, the total
effective load on the output at high frequencies is
150
Ω
||
1500
Ω.
The
1.5k
Ω
resistors
at
the
noninverting input provide the common-mode bias
voltage. Their parallel combination equals the DC
resistance at the inverting input (RF), reducing the DC
output offset due to input bias current.
Figure 71. AC-Coupled, G = +2, +3V Single-Supply
Specification and Test Circuit
Figure 72 shows the DC-coupled, gain of +2, dual
power-supply circuit configuration used as the basis
of the ±5V Electrical Characteristics and Typical
Characteristics.
For
test
purposes,
the
input
impedance is set to 50
Ω with a resistor to ground and
the output impedance is set to 150
Ω with a series
output resistor. Voltage swings reported in the
specifications are taken directly at the input and
output pins. For the circuit of Figure 72, the total
effective load will be 150
Ω || 1.5kΩ. Two optional
components are included in Figure 72. An additional
resistor
(348
Ω) is
included
in
series
with
the
noninverting input. Combined with the 25
Ω DC
source resistance looking back towards the signal
generator, this gives an input bias current cancelling
resistance that matches the 375
Ω source resistance
seen at the inverting input (see the DC Accuracy and
Figure 70. AC-Coupled, G = +2, +5V Single-Supply
Offset Control section). In addition to the usual
Specification and Test Circuit
power-supply decoupling capacitors to ground, a
0.01
µF capacitor is included between the two
power-supply pins. In practical PC board layouts, this
Figure 71 shows the AC-coupled, gain
of
+2
optional
capacitor
will
typically
improve
the
configuration used for the +3V Specifications and
2nd-harmonic distortion performance by 3dB to 6dB.
Typical
Characteristic
Curves.
Voltage
swings
reported in the Electrical Characteristics are taken
directly at the input and output pins. For the circuit of
Figure 71, the total effective load on the output at
22
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com